Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAA710S Datasheet(PDF) 2 Page - Clare, Inc.

Part # LAA710S
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA710S Datasheet(HTML) 2 Page - Clare, Inc.

  LAA710S Datasheet HTML 1Page - Clare, Inc. LAA710S Datasheet HTML 2Page - Clare, Inc. LAA710S Datasheet HTML 3Page - Clare, Inc. LAA710S Datasheet HTML 4Page - Clare, Inc. LAA710S Datasheet HTML 5Page - Clare, Inc. LAA710S Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
LAA710
R01.1
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current* (Continuous)
AC/DC Configuration
-
I
L
-
-
1.0
A
Peak Load Current
10ms
I
LPK
-
-
5.0
A
On-Resistance
AC/DC Configuration
I
L=1.0A
R
ON
-
-
0.5
Ω
Off-State Leakage Current
V
L=60V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
-
-
2.5
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
-
-
0.25
ms
Output Capacitance
50V; f=1MHz
C
OUT
-
220
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=150mA
I
F
10
-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input to Output Capacitance
-
C
I/O
-3
-
pF
*NOTE: If both poles operate simultaneously load current must be derated so as not to exceed the package power dissipation value.
Parameter
Min
Typ Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Blocking Voltage
-
-
60
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
-
-
3750 V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Flatpack/Surface Mount
Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com