Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA192 Datasheet(PDF) 3 Page - Clare, Inc.

Part # PLA192
Description  Single Pole OptoMOS Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA192 Datasheet(HTML) 3 Page - Clare, Inc.

  PLA192 Datasheet HTML 1Page - Clare, Inc. PLA192 Datasheet HTML 2Page - Clare, Inc. PLA192 Datasheet HTML 3Page - Clare, Inc. PLA192 Datasheet HTML 4Page - Clare, Inc. PLA192 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLA192
www.clare.com
3
Rev. 2.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PLA192
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.25
1.26
1.27
1.28
1.29
LED Forward Voltage Drop (V)
PLA192
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; IF = 5mADC)
25
20
15
10
5
0
18.25
18.75
19.25
18
18.5
19
On-Resistance (
Ω)
PLA192
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
30
25
20
15
10
5
0
710
730
750
700
720
740
Blocking Voltage (V)
PLA192
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
25
20
15
10
5
0
0.75
1.35
1.95
1.05
1.65
2.25
LED Current (mA)
PLA192
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
1.7
1.9
2.1
1.6
1.8
2.0
Turn-On (ms)
0
5
10
15
25
20
30
35
PLA192
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.26
0.32
0.38
0.35
0.29
0.23
Turn-Off (ms)
35
30
25
20
15
10
5
0
PLA192
Maximum Load Current vs. Temperature
Temperature (
°C)
240
220
200
180
160
140
120
-40 -20
0
20
40
60
80
120
100
10mA
5mA
10mA
5mA
DC Configuration
AC/DC Configuration
PLA192
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
PLA192
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC)
0.75
1.35
1.95
1.05
1.65
2.25
LED Current (mA)
25
20
15
10
5
0
PLA192
Typical On Resistance vs. Temp.
Load Current=100mA Instantaneous
Temperature (
°C)
60
50
40
30
20
10
0
-40 -20
0
20
40
60
80
120
100
IF=5mA
PLA192
Typical On-Resistance vs. Temperature
(Load Current = Max Rated at Temp.)
DC Configuration
Temperature (
°C)
-40
18
16
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
IF=5mA
IF=10mA
PLA192
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
770
760
750
740
730
720
710
700
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com