Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA192STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # PLA192STR
Description  Single Pole OptoMOS Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA192STR Datasheet(HTML) 1 Page - Clare, Inc.

  PLA192STR Datasheet HTML 1Page - Clare, Inc. PLA192STR Datasheet HTML 2Page - Clare, Inc. PLA192STR Datasheet HTML 3Page - Clare, Inc. PLA192STR Datasheet HTML 4Page - Clare, Inc. PLA192STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-PLA192-R2.0
1
PLA192
Single Pole OptoMOS® Relays
Part #
Description
PLA192
6 Pin Dip (50/Tube)
PLA192S
6 Pin Surface Mount (50/Tube)
PLA192STR
6 Pin Surface Mount (1000/Reel)
PLA192
Units
Load Voltage
600
V
Load Current
150
mA
Max R
ON
22
Ω
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
• 5000V
RMS Input/Output Isolation
• Small 6 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• 600 volt blocking
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
The PLA192 is a 1-Form-A solid state relay that uses
optically coupled relay technology to provide an
enhanced 5000V isolation barrier between the input
and output of the relay. The efficient MOSFET switch-
es use Clares patented OptoMOS® architecture. The
optically coupled input is controlled by a highly effi-
cient GaAIAs infrared LED.
• UL Approved to UL1577
• CSA Certified
• Complies with EN60950
1
3
2
4
5
6
+ Control
Ð Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
PLA192 Pinout
1
3
2
4
5
6
+ Control
Ð Control
Do Not Use
+ Load
Ð Load
DC Only Configuration
PLA192 Pinout


Similar Part No. - PLA192STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLA192STR IXYS-PLA192STR Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results

Similar Description - PLA192STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
Single Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
Single Pole OptoMOS Relays
PAA140 CLARE-PAA140 Datasheet
150Kb / 7P
Single Pole OptoMOS Relays
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
Single Pole OptoMOS Relays
PLA191 CLARE-PLA191 Datasheet
472Kb / 6P
Single Pole OptoMOS Relays
LBA126L CLARE-LBA126L Datasheet
117Kb / 4P
Single Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA191 IXYS-PLA191 Datasheet
122Kb / 7P
Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com