Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM6050 Datasheet(PDF) 2 Page - Global Connector Technology

Part # SIM6050
Description  SIM Card Connector, Retainer Type, Dual SIM, 2x8 Pin, SMT, Profile 3.00mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM6050 Datasheet(HTML) 2 Page - Global Connector Technology

  SIM6050 Datasheet HTML 1Page - Global Connector Technology SIM6050 Datasheet HTML 2Page - Global Connector Technology SIM6050 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mini SIM Reference
thickness = 0.76±0.08
C1
C2
C3
C4
C5
C6
VCC
C7
C8
RST
CLK
GND
Vpp
I/O
RFU
RFU
C1
C2
C3
C4
C5
C6
C7
C8
7.62
8x2.00
15.00±0.10 Micro
25.00mm Mini
12.30mm Nano
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
2/3
SIM6050
SIM Card Connector, Retainer Type, Dual SIM, 2x8 Pin,
SMT, Profile 3.00mm
CC
SIM6050
D PCN
D3
By
Detail
Revision
Part Number
Drawing Date
15th March 2010
14/10/22
Date
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com