Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM7050 Datasheet(PDF) 3 Page - Global Connector Technology

Part # SIM7050
Description  Micro SIM Card Connector Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM7050 Datasheet(HTML) 3 Page - Global Connector Technology

  SIM7050 Datasheet HTML 1Page - Global Connector Technology SIM7050 Datasheet HTML 2Page - Global Connector Technology SIM7050 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TOTAL
5LAYERS
350m
m
Outs
ide
35
0m
m
Ou
tsid
e
Reel
卷筒
Ø1
3
Notes:
1. Reel Diameter.: 33CM.
2. 900 PCS per Reel, Gross Weight: 0.77KG.
3. 10 Reels per Full Carton, Gross Weight: 7.7KG
PULL OUT DIRECTION
REEL
Hard Cardboard
硬纸板
Bubble-Pad
气泡垫
Protection Tape
电周波
Triangular Pad
三角垫
Label
标签
Carton
纸箱
Empty carrier at reel end
Empty carrier at front end
Cover tape
200min.
4
2
Ø1.5
350min.
50min.
20
900pcs loaded
13.7
14.8
0.3
ADHESIVE TAPE
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.15
X.XX ± 0.10
X.XXX ± 0.05
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
ASE
Sheet No.
3/3
SIM7050
Micro SIM Card Connector
Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
AJO
SIM7050
C PCN
C
By
Detail
Revision
Part Number
Drawing Date
24th August 2012
20/04/15
Date
± 1.5°
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com