Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM8060 Datasheet(PDF) 1 Page - Global Connector Technology

Part # SIM8060
Description  Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM8060 Datasheet(HTML) 1 Page - Global Connector Technology

  SIM8060 Datasheet HTML 1Page - Global Connector Technology SIM8060 Datasheet HTML 2Page - Global Connector Technology SIM8060 Datasheet HTML 3Page - Global Connector Technology SIM8060 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ordering Grid
Request Samples
and Quotation
SIM8060
No. of Contacts
6
6
A
Packing Options
A = Tape & Reel
(1500pcs per reel)
Switch
0 = Without
(Contact SW removed from component)
1 = With
X
Locating Peg
00 = Without
00
14
Profile Height
14 = 1.43mm
C1
C2
C3
C5
C6
C7
C1 C5 C2 C6 C3
C7
1.27
6.35
2x 12.30
5x 1.27
6.35
6x 0.90
2.98
12.40
11.20
1.43
SW
Circuit Diagram for Card Detect Switch
Card Inserted
S/W
C5
Without Card
(Normally Open)
S/W
C5
Recommended PCB Layout
(Viewed from Component Side - Tolerance:±0.05mm)
Component Outline
Solder Area
Keep Out Area
Specifications
Material
Plastic Housing: High Temperature Thermoplastic
UL94V-0, Black
Contact Terminal: Copper Alloy
Metallic Shell: SUS
Plating
Contact :1µ" Gold over 50µ" Nickel
Shell: 30µ" Nickel over all
Electrical
Voltage rating: 125V AC/DC
Current Rating: 0.5 Amp AC/DC Max.
Contact Resistance: 80 mΩ Max.
Dielectric Withstanding Voltage:500V AC (60 Sec Min. )
Insulation Resistance: 100 MΩ Min.@100V DC
Mechanical & Environmental
Operating Temperature: -20°C to +85°C
Durability : 5,000 cycles
GND
GND
SW/GND
GND
2.54
6x 0.50
8.00
11.20
5x 1.30
2.71
3.61
2.44
2.54
4x 1.30
Pick&Place area
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.15
X.XX ± 0.10
X.XXX ± 0.05
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/4
SIM8060
Nano SIM Card Connector
Hinged Type,SMT,6Pin, 1.43mm Profile
CC
Drawing
Release
A2
By
Detail
Revision
Part Number
Drawing Date
6th September 2018
15/10/21
Date
± 1°
www.gct.co
11.70±0.10


Similar Part No. - SIM8060

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
SIM8066 GCT-SIM8066 Datasheet
214Kb / 3P
no SIM Card Connector Push-Push Type, SMT, 6Pin, 1.44mm Profile
19th March 2021
More results

Similar Description - SIM8060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0470230001 MOLEX11-0470230001 Datasheet
85Kb / 1P
1,9MM (HEAIGHT) HINGED SIM CARD READER CONNECTOR
0473880001 MOLEX11-0473880001 Datasheet
118Kb / 1P
1,9MM (HEAIGHT) HINGED SIM CARD READER CONNECTOR
logo
Japan Aviation Electron...
SF72 JAE-SF72 Datasheet
770Kb / 5P
nano SIM Card Connector
logo
Global Connector Techno...
SIM6050 GCT-SIM6050 Datasheet
282Kb / 3P
SIM Card Connector, Retainer Type, Dual SIM, 2x8 Pin, SMT, Profile 3.00mm
15th March 2010
SIM7155 GCT-SIM7155 Datasheet
207Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
12th April 2021
SIM7200 GCT-SIM7200 Datasheet
242Kb / 4P
Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
8th September 2016
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8055 GCT-SIM8055 Datasheet
276Kb / 3P
Nano SIM Card Connector,Push-Pull Type,with Switch 6 Pin, SMT, Profile 1.35mm
27th November 2017
SIM8066 GCT-SIM8066 Datasheet
214Kb / 3P
no SIM Card Connector Push-Push Type, SMT, 6Pin, 1.44mm Profile
19th March 2021
logo
ATTEND Technology Inc.
115V ATTEND-115V Datasheet
362Kb / 6P
Nano SIM Socket, Hinge Type, 6Pin 10u” Reel
2019/08/13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com