Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB1100 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1100
Description  USB 3.0 Dual Receptacle, Full Size, Type A, Top Mount, Horizontal, Through-Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1100 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1100 Datasheet HTML 1Page - Global Connector Technology USB1100 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB1100
Ordering Grid
30
Contact Plating
30 = 30µ" Gold
Packing Options
A = Tape & Reel
(200 per reel)
Specifications
Material
Plastic Housing: PA9T, UL94V-0, Blue
Terminal: Copper Alloy
Metallic Shell: SUS201 (T=0.30mm)
Plating (See table above for more info)
Terminal:
Contact Area: Gold (See ordering grid)
Solder Tails: 80µ" min. Tin
Underplating : 50µ" min. Nickel
Metallic Shell : 50µ" min. Nickel
Electrical
Voltage Rating: 100 V AC
Current Rating:
0.25A (Signal Pins 2,3,5,6,7,8,9)
1.8A (Power Pins 1,4)
Operating Temperature: -55°C to +85°C
Contact Resistance: 30 mΩ max.
Insulating Resistance: 1000 MΩ min.
Dielectric Withstand Voltage: 500V AC/minute
Mechanical & Environmental
Mating Force: 35N max.
Unmating Force: 10N min. initial, 8N min. after test
Durability: 5000 Cycles
A
12.50
1
23
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
12.80
7.00
2.90
2.00
2.50
8.00
2.40
2.00
2.00
2.00
12.80
18
x Ø
0.7
0 P
TH
8.00
4.00
1
23
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
11.78
5.68
15.0
13.1
11.10
7.00
2.00
0.95
0.30
11.40
0.90
2.30
10.25
4.64
4.49
0.13
0.60
11.40
0.90
11.20
0.70
7.00
2.00
1
3
2
4
5
6
7
8
A
Section A-A
No.
Part Name
Material
Finish
Q'ty
1
Cover
SUS201
Ni Plating
1
2
Top Housing
PA9T
1
3
Top Pin
C5210 EH
Au Plating
1
4
Bottom Housing
PA9T
1
5Bottom Pin
C5210 EH
Au Plating
1
6Base
PA9T
1
7
Spacer
PA9T
1
8
Mid-Plate
SUS201
Degrease
0.50
0.50
10x 1.21 Min.
11.50
Insulator Contacts (Bottom view)
PIN LAYOUT
Bottom
Socket
Pin No.
Top
Socket
Pin No.
SIGNAL NAME
DESCRIPTION
MATING
SEQUENCE
1
10
VBUS
Power
Second
211
D-
USB2.0 Differential pair
Third
3
12
D+
4
13
GND
Ground for power return
Second
5
14
StdA_SSRX-
Superspeed receiver
differential pair
Last
615
StdA_SSRX+
716
GND_DRAIN
Ground for signal return
8
17
StdA_SSTX-
Superspeed transmitter
differential pair
918
StdA_SSTX+
SHELL
SHELL
SHIELD
Connector metal shell
First
Request Samples
and Quotation
Designed to comply with physical, electrical and environmental
requirements of full size USB Standard Compliance (USB3.0).
Recommended PCB Layout
Thickness: 1.2mm General Tolerance: ±0.05
as viewed from component side
Solder Area
Component Outline
Keep-Out Area
PCB Edge
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.38
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
USB1100
USB 3.0 Dual Receptacle, Full Size, Type A,
Top Mount, Horizontal, Through-Hole
CC
USB1100
C PCN
C2
By
Detail
Revision
Part Number
Drawing Date
20th February 2013
15/02/22
Date
± 2°
www.gct.co
A


Similar Part No. - USB1100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1101 FAIRCHILD-USB1101 Datasheet
445Kb / 10P
USB 2.0 FS Peripheral Transceiver
USB1101L10X FAIRCHILD-USB1101L10X Datasheet
445Kb / 10P
USB 2.0 FS Peripheral Transceiver
More results

Similar Description - USB1100

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB311131HR AMPHENOL-GSB311131HR Datasheet
98Kb / 1P
USB 3.0 Type A. Right Angle, Receptacle, Through Hole, Standard Type
logo
Wurth Elektronik GmbH &...
692122030100 WURTH-692122030100 Datasheet
708Kb / 2P
USB 3.0 HORIZONTAL TYPE A
692121030100 WURTH-692121030100 Datasheet
750Kb / 2P
USB 3.0 HORIZONTAL TYPE A
logo
Mill-Max Mfg. Corp.
896-46-009-90 MILL-MAX-896-46-009-90 Datasheet
118Kb / 2P
USB Socket Type A USB 3.0 Single Row Through Hole
logo
Global Connector Techno...
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1086 GCT-USB1086 Datasheet
300Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Vertical, Top Mount
06th January 2020
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
USB1125 GCT-USB1125 Datasheet
288Kb / 2P
USB 2.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount, Without Flange
12th June 2020
USB1130 GCT-USB1130 Datasheet
214Kb / 2P
USB 2.0 Receptacle, Type A, 4 Pin, Through Hole, Horizontal, Top Mount, Without Flange
6th August 2020
USB1135 GCT-USB1135 Datasheet
307Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount
6th August 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com