Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM4853 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM4853
Description  5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4853 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM4853 Datasheet HTML 8Page - Analog Devices ADM4853 Datasheet HTML 9Page - Analog Devices ADM4853 Datasheet HTML 10Page - Analog Devices ADM4853 Datasheet HTML 11Page - Analog Devices ADM4853 Datasheet HTML 12Page - Analog Devices ADM4853 Datasheet HTML 13Page - Analog Devices ADM4853 Datasheet HTML 14Page - Analog Devices ADM4853 Datasheet HTML 15Page - Analog Devices ADM4853 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADM4850 to ADM4857
Rev. F | Page 13 of 16
THEORY OF OPERATION
The ADM4850/ADM4851/ADM4852/ADM4853/ADM4854/
ADM4855/ADM4856/ADM4857 are high speed RS-485/RS-422
transceivers offering enhanced performance over industry-
standard devices. All devices in the family contain one driver
and one receiver but offer a choice of performance options. The
devices feature true fail-safe operation, which guarantees a logic
high receiver output when the receiver inputs are open circuit
or short-circuit, or when they are connected to a terminated
transmission line with all drivers disabled (see the Fail-Safe
Operation section).
SLEW RATE CONTROL
The ADM4850 and ADM4854 feature a controlled slew rate
driver that minimizes EMI and reduces reflections caused by
incorrectly terminated cables, allowing error free data transmission
rates up to 115 kbps. The ADM4851 and ADM4855 offer a higher
limit on driver output slew rate, allowing data transmission
rates up to 500 kbps. The driver slew rates of the ADM4852/
ADM4856 and the ADM4853/ADM4857 are not limited,
offering data transmission rates up to 2.5 Mbps and 10 Mbps,
respectively.
RECEIVER INPUT FILTERING
The receivers of all the devices incorporate input hysteresis. In
addition, the receivers of the 115 kbps ADM4850 and ADM4854
and the 500 kbps ADM4851 and ADM4855 incorporate input
filtering, which enhances noise immunity with differential
signals that have very slow rise and fall times. However, it
causes the propagation delay to increase by 20%.
HALF-DUPLEX/FULL DUPLEX OPERATION
Half-duplex operation implies that the transceiver can transmit and
receive, but it can do only one of these at any given time. However,
with full duplex operation, the transceiver can transmit and
receive simultaneously. The ADM4850/ADM4851/ADM4852/
ADM4853 are half-duplex devices in which the driver and the
receiver share differential bus terminals. The ADM4854/
ADM4855/ADM4856/ADM4857 are full duplex devices that
have dedicated driver output and receiver input pins. Figure 29
and Figure 30 show typical half-duplex and full duplex topologies.
Figure 29. Typical Half-Duplex RS-485 Network Topology
Figure 30. Typical Full Duplex Point-to-Point RS-485 Network Topology
RO
RE
DE
DI
D
R
A
B
MAXIMUM NUMBER OF TRANSCEIVERS ON BUS: 256
RO
RE
DE
DI
D
R
A
B
R
D
RO
RE DE
DI
A
B
R
D
RO
RE DE
DI
A
B
ADM4850
ADM4852/ADM4853
ADM4850/
ADM4852/ADM4853
NOTES
1. THE ADM4851 IS A HALF-DUPLEX RS-485 TRANSCEIVER, BUT IT DOES NOT HAVE THE DRIVER ENABLE (DE) AND THE RECEIVER ENABLE (RE) PINS.
GND
RO
DI
D
R
A
B
RO
DI
D
A
B
Z
Y
R
GND
VCC
VCC
Z
Y
ADM4854/ADM4855/
ADM4856/ADM4857
ADM4854/ADM4855/
ADM4856/ADM4857



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com