Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM206ARS Datasheet(PDF) 16 Page - Analog Devices

Part # ADM206ARS
Description  0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM206ARS Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM206ARS Datasheet HTML 8Page - Analog Devices ADM206ARS Datasheet HTML 9Page - Analog Devices ADM206ARS Datasheet HTML 10Page - Analog Devices ADM206ARS Datasheet HTML 11Page - Analog Devices ADM206ARS Datasheet HTML 12Page - Analog Devices ADM206ARS Datasheet HTML 13Page - Analog Devices ADM206ARS Datasheet HTML 14Page - Analog Devices ADM206ARS Datasheet HTML 15Page - Analog Devices ADM206ARS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADM206/ADM207/ADM208/ADM211/ADM213
Rev. D | Page 16 of 16
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM206AN
–40°C to +85°C
24-lead PDIP
N-24-1
ADM206ANZ
–40°C to +85°C
24-lead PDIP
N-24-1
ADM206AR
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM206AR-REEL
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM206ARZ
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM206ARZ-REEL
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM206ARS
–40°C to +85°C
24-lead SSOP
RS-24
ADM206ARSZ
–40°C to +85°C
24-lead SSOP
RS-24
ADM206ARSZ-REEL
–40°C to +85°C
24-lead SSOP
RS-24
ADM207AN
–40°C to +85°C
24-lead PDIP
N-24-1
ADM207ANZ
–40°C to +85°C
24-lead PDIP
N-24-1
ADM207AR
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM207ARZ
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM207ARZ-REEL
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM207ARS
–40°C to +85°C
24-lead SSOP
RS-24
ADM207ARSZ
–40°C to +85°C
24-lead SSOP
RS-24
ADM207ARSZ-REEL
–40°C to +85°C
24-lead SSOP
RS-24
ADM208AN
–40°C to +85°C
24-lead PDIP
N-24-1
ADM208ANZ
–40°C to +85°C
24-lead PDIP
N-24-1
ADM208AR
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM208AR-REEL
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM208ARZ
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM208ARZ-REEL
–40°C to +85°C
24-lead SOIC_W
RW-24
ADM208ARSZ
–40°C to +85°C
24-lead SSOP
RS-24
ADM208ARSZ-REEL
–40°C to +85°C
24-lead SSOP
RS-24
ADM211AR
–40°C to +85°C
28-lead SOIC_W
RW-28
ADM211AR-REEL
–40°C to +85°C
28-lead SOIC_W
RW-28
ADM211ARZ
–40°C to +85°C
28-lead SOIC_W
RW-28
ADM211ARZ-REEL
–40°C to +85°C
28-lead SOIC_W
RW-28
ADM211ARS
–40°C to +85°C
28-lead SSOP
RS-28
ADM211ARS-REEL
–40°C to +85°C
28-lead SSOP
RS-28
ADM211ARSZ
–40°C to +85°C
28-lead SSOP
RS-28
ADM211ARSZ-REEL
–40°C to +85°C
28-lead SSOP
RS-28
ADM213AR
–40°C to +85°C
28-lead SOIC_W
RW-28
ADM213ARZ
–40°C to +85°C
28-lead SOIC_W
RW-28
ADM213ARZ-REEL
–40°C to +85°C
28-lead SOIC_W
RW-28
ADM213ARS
–40°C to +85°C
28-lead SSOP
RS-28
ADM213ARS-REEL
–40°C to +85°C
28-lead SSOP
RS-28
ADM213ARSZ
–40°C to +85°C
28-lead SSOP
RS-28
ADM213ARSZ-REEL
–40°C to +85°C
28-lead SSOP
RS-28
1 Z = RoHS Compliant Part.
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00067-0-5/11(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com