Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM207ANZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM207ANZ
Description  0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM207ANZ Datasheet(HTML) 2 Page - Analog Devices

  ADM207ANZ Datasheet HTML 1Page - Analog Devices ADM207ANZ Datasheet HTML 2Page - Analog Devices ADM207ANZ Datasheet HTML 3Page - Analog Devices ADM207ANZ Datasheet HTML 4Page - Analog Devices ADM207ANZ Datasheet HTML 5Page - Analog Devices ADM207ANZ Datasheet HTML 6Page - Analog Devices ADM207ANZ Datasheet HTML 7Page - Analog Devices ADM207ANZ Datasheet HTML 8Page - Analog Devices ADM207ANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM206/ADM207/ADM208/ADM211/ADM213
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Operating Circuit................................................................ 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ............................5
Typical Performance Characteristics ..............................................9
General Information ...................................................................... 11
Circuit Description .................................................................... 11
Application Hints ....................................................................... 12
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 16
REVISION HISTORY
5/11—Data Sheet Changed from Rev. C to Rev. D
Deleted ADM209................................................................Universal
Changes to Figure 5.......................................................................... 5
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 15
1/05—Data Sheet Changed from Rev. B to Rev. C
Changes to Specifications ................................................................ 3
Change to Receivers section.......................................................... 11
Change to Driving Long Cables section ...................................... 12
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 15
6/02—Data Sheet Changed from Rev. A to Rev. B
Removed all references to ADM205 ................................Universal
3/02—Data Sheet Changed from Rev. 0 to Rev. A
Changes to numbers in Min/Typ/Max column of
Specifications page ........................................................................... 2
Updated Figures............................................................................ 8, 9
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com