Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3065EARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM3065EARMZ
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3065EARMZ Datasheet(HTML) 2 Page - Analog Devices

  ADM3065EARMZ Datasheet HTML 1Page - Analog Devices ADM3065EARMZ Datasheet HTML 2Page - Analog Devices ADM3065EARMZ Datasheet HTML 3Page - Analog Devices ADM3065EARMZ Datasheet HTML 4Page - Analog Devices ADM3065EARMZ Datasheet HTML 5Page - Analog Devices ADM3065EARMZ Datasheet HTML 6Page - Analog Devices ADM3065EARMZ Datasheet HTML 7Page - Analog Devices ADM3065EARMZ Datasheet HTML 8Page - Analog Devices ADM3065EARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
TABLE OF CONTENTS
analog.com
Rev. H | 2 of 25
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagrams....................................1
General Description...............................................3
Specifications........................................................ 4
Timing Specifications......................................... 5
Absolute Maximum Ratings...................................8
Thermal Resistance........................................... 8
ESD Caution.......................................................8
Pin Configurations and Function Descriptions.......9
Typical Performance Characteristics................... 13
Test Circuits......................................................... 17
Theory of Operation.............................................18
IEC ESD Protected RS-485............................. 18
High Driver Differential Output Voltage............ 18
IEC 61000-4-2 ESD Protection........................ 18
Truth Tables......................................................18
Receiver Fail-Safe............................................19
Hot Swap Capability.........................................19
128 Transceivers on the Bus............................19
Driver Output Protection...................................19
Applications Information...................................... 20
Isolated High Speed RS-485 Node.................. 21
Outline Dimensions............................................. 22
Ordering Guide.................................................23
Evaluation Boards............................................ 24
REVISION HISTORY
3/2022—Rev. G to Rev. H
Changes to Figure 4........................................................................................................................................ 1
Changes to Isolated High Speed RS-485 Node Section and Figure 48........................................................ 21
Updated Outline Dimensions......................................................................................................................... 23
Changes to Ordering Guide........................................................................................................................... 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com