Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCR1210-R100F Datasheet(PDF) 33 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 33 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 29Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 32Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 33Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 34Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 35Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 36Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 37Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
33
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
5.6. Loop Closure Detection
The Si32260/1 provides a completely programmable
loop closure detection mechanism. The loop closure
detection scheme provides two unique thresholds to
allow hysteresis, and also includes a programmable
debounce filter to eliminate false detection. A loop
closure detect status bit provides continuous status, and
a maskable interrupt bit is also provided.
5.7. Ground Key Detection
The
Si32260/1
provides
a
ground
key
detect
mechanism using a programmable architecture similar
to the loop closure scheme. The ground key detect
scheme provides two unique thresholds to allow
hysteresis and also includes a programmable debounce
filter to eliminate false detection. A ground key detect
status bit provides continuous status, and a maskable
interrupt bit is also provided.
5.8. Ringing Generation
The Si32260/1 provides the ability to generate a
programmable
sinusoidal
or
trapezoidal
ringing
waveform, with or without dc offset. The ringing
frequency, wave shape, cadence, and offset are all
register-programmable. Three ringing modes are
supported: balanced, unbalanced, and low-power
ringing (LPR). Figure 22 illustrates the fundamental
differences between the three ringing modes.
The dual ProSLIC’s adaptive ringing capability allows
further power savings to be realized in systems
designed for long loop applications. In a long loop
system, it may be necessary to generate a large ringing
voltage to ensure that sufficient voltage is presented to
a phone at the far end of the loop. However, in
situations when a short loop is connected to an FXS
interface that was designed with the ability to ring long
loops, the large ringing voltage in combination with a
low resistance load will result in excessive and
unnecessary power consumption. Skyworks Solutions’
Si32260/1 dual ProSLICs eliminate this unnecessary
power
consumption
with
their
adaptive
ringing
capability. The ProSLIC automatically senses when
excessive power is being consumed in the line feed
circuit (due to the lower resistance of a short loop) and
will iteratively reduce the ringing amplitude to a voltage
that is appropriate for the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com