Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1339 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SSD1339
Description  132RGB x 132 with 2 smart Icon lines Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1339 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SSD1339 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
SSD1339
Rev 1.1
P 21/59 Jul 2005
Solomon Systech
MPU Serial Interface
The serial interface consists of serial clock SCLK, serial data SDIN, D/C#, CS#. In this mode, D0 acts as
SCLK, D1 acts as SDIN. For the unused data pins, D2 should be left open. D3 to D7, E and R/W pins
can be connected to external ground.
SDIN is shifted into an 8-bit shift register on every rising edge of SCLK in the order of D7, D6, ... D0. D/C is
sampled on every eighth clock and the data byte in the shift register is written to the Display Data RAM or
command register in the same clock.
During data writing, an additional NOP command should be inserted before the CS# goes high (Refer to
Figure 7.
Figure 7 –
Display data write procedure in SPI mode
D7
D6
D5
D4
D3
D2
D1
D0
SCLK(D0)
SDIN(D1)
DB1
DB2
DBn
NOP COMMAND
CS#
D/C
SDIN/
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com