Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAW-EL Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # KAW-EL
Description  30W WIDE INPUT RANGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

KAW-EL Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  KAW-EL Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. KAW-EL Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. KAW-EL Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. KAW-EL Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. KAW-EL Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. KAW-EL Datasheet HTML 6Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DANUBE
http://www.danube.com.tw
2016/08/24
4
 SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
DUAL OUTPUT
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PWM
CONTROLLER
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PWM
CONTROLLER
Common
 MECHANICAL DIMENSIONS
All dimensions are in millimeters[inches]
50.8[2.00]
50.8[2.00]
2.54[0.10]
30.48[1.20]
3
4
8
1
2
22.9[0.90]
15.24[0.60]
7
45.72[1.80]
BOTTOM
VIEW
6
5
11[0.43]
5.8[0.23]
SIDE
VIEW
PIN
SINGLE
DUAL
1
Remote On/Off
2
NO PIN
3
-Vin
-Vin
4
+Vin
+Vin
5
NO PIN
+Vout
6
+Vout
Common
7
-Vout
-Vout
8
TRIM
NO PIN
Remote On/Off Control
Control Input
PIN1 Control Common
PIN3
Control Voltage
Converter Shutdown Idle Current
10mA
ON
>+2.5VDC or Open Circuit
Logic Compatibility
CMOS or Open
Collector TTL
OFF
<+0.8VDC or Jumper to PIN3
 RECOMMENDED FOOTPRINT DETAILS
TOP VIEW
1
1 2
+0.2/-0 1
. Φ
.
GRID:2.54 mm
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com