Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU-2W Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # MU-2W
Description  2W UNREGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

MU-2W Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  MU-2W Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DANUBE
http://www.danube.com.tw
2019/12/19
1
FEATURES
SINGLE IN LINE PACKAGE
UP TO 2W UNREGULATED OUTPUT POWER
100% BURN IN
HIGH EFFICIENCY
INTERNAL SMD TECHNOLOGY
LOW COST
NO HEATSINK REQUIRED
UL 94V-0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
RoHS COMPLIANT
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Set-point Accuracy
+/-2% max. Input Voltage Range
+/-10% max.
Temperature Coefficient
+/-0.05%/°C Input Filter
Capacitor Type
Ripple & Noise (20MHz BW)1
100mVp-p max. Protection
Fuse Recommended
Line Regulation2
+/-1.2% max.
Load Regulation3
+/-8% max.
Minimum Load
10% of Full Load
GENERAL SPECIFICATIONS
Short Circuit Protection
Momentary Efficiency
82% max.
Isolation Voltage4
1500VDC min.
Isolation Resistance
10
9
ohms min.
Isolation Capacitance
80pF max.
Switching Frequency
100KHz max.
ENVIRONMENTAL SPECIFICATIONS
MTBF5
>1,100,000 Hours
Operating Temperature
-40 °C to +71 °C Weight
1.3g typ.
Storage Temperature
-55 °C to +125 °C Case Material
Non-Conductive Plastic
Humidity
95% max. Case Size
11.7mm*7.5mm*10.1mm
Cooling
Free-Air Convection Radiated Emissions
EN55032 Class B
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD AND 25 °C UNLESS OTHERWISE NOTED.
1 Measured with 1uF ceramic capacitor connects to the output pins.
2 Line Regulation is for a 1.0% change in input Voltage.
3 Load Regulation is for output load current change from 20% to 100%.
4 1500 For 10 seconds.
5 MIL-HDBK-217F @25 °C , Ground Benign.
MU-2W SERIES
2W UNREGULATED


Similar Part No. - MU-2W

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
MU-01-1 KGS-MU-01-1 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-2 KGS-MU-01-2 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-3 KGS-MU-01-3 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-4 KGS-MU-01-4 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-5 KGS-MU-01-5 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
More results

Similar Description - MU-2W

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10CU-0505E PEAK-P10CU-0505E Datasheet
222Kb / 2P
1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
RSG Electronic Componen...
DS3-XX05D RSG-DS3-XX05D Datasheet
63Kb / 1P
Dual output unregulated DC/DC converters 2W
logo
MORNSUN Science& Techno...
A0505S-2WR2 MORNSUN-A0505S-2WR2 Datasheet
811Kb / 5P
2W, FIXED INPUT, ISOLATED & UNREGULATED
logo
Mean Well Enterprises C...
SMU02 MEANWELL-SMU02 Datasheet
57Kb / 1P
2W DC-DC Unregulated Single Output Converter
logo
DIWELL Electronics Co.,...
NU_SERIES DIWELL-NU_SERIES Datasheet
477Kb / 7P
1W~2W UNREGULATED
2014/04/28
NU-E2K DIWELL-NU-E2K Datasheet
187Kb / 5P
2W UNREGULATED
2018/06/26
NU-SERIES DIWELL-NU-SERIES Datasheet
2Mb / 8P
1W~2W UNREGULATED
2013/02/06
PU-2W DIWELL-PU-2W Datasheet
971Kb / 8P
2W UNREGULATED
2012/05/25
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com