Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD11 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CD11
Description  Miniature Standard Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD11 Datasheet(HTML) 2 Page - Continental Device India Limited

  CD11 Datasheet HTML 1Page - Continental Device India Limited CD11 Datasheet HTML 2Page - Continental Device India Limited CD11 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CD11 Series
Miniature Standard
6.3V
10V
16V
25V
35V
50V
63V
100V
0.1 ~ 0.68
5 x 11
1
5 x 11
5 x 11
2.2
5 x 11
5 x 11
3.3
5 x 11
5 x 11
4.7
5 x 11
5 x 11
5 x 11
10
5 x 11
5 x 11
5 x 11
5 x 11
5 x 11
6 x 12
22
5 x 11
5 x 11
5 x 11
5 x 11
5 x 11
5 x 11
6 x 11
8 x 14
33
5 x 11
5 x 11
5 x 11
5 x 11
5 x 11
6 x 12
8 x 12
10 x 13
47
5 x 11
5 x 11
5 x 11
6 x 11
6 x 11
6 x 12
8 x 12
10 x 17
100
5 x 11
5 x 11
6 x 11
6 x 12
8 x 11
8 x 12
8 x 14
12 x 22
220
6 x 12
6 x 12
6 x 12
8 x 12
8 x 14
10 x 17
10 x 20
16 x 27
330
6 x 12
6 x 12
8 x 12
8 x 14
10 x 17
10 x 20
13 x 22
16 x 31
470
6 x 12
8 x 12
8 x 14
10 x 17
10 x 20
13 x 22
13 x 26
16 x 36
1000
8 x 12
8 x 14
10 x 17
12 x 22
13 x 22
16 x 27
16 x 31
22 x 42
2200
10 x 20
12 x 22
13 x 22
13 x 26
16 x 27
16 x 36
18 x 41
3300
12 x 22
13 x 22
13 x 26
16 x 27
16 x 36
18 x 41
22 x 42
4700
13 x 26
16 x 27
16 x 36
18 x 41
22 x 42
25 x 42
6800
16 x 36
18 x 41
22 x 42
25 x 42
26 x 42
10000
18 x 41
22 x 42
160V
200V
250V
0.1 ~ 0.68
5 x 12
1
5 x 12
6 x 12
6 x 12
2.2
6 x 12
8 x 12
8 x 12
3.3
8 x 12
8 x 12
8 x 12
4.7
8 x 12
8 x 12
8 x 14
10
8 x 14
10 x 13
10 x 17
22
10 x 15
10 x 20
12 x 22
33
10 x 20
12 x 22
13 x 26
47
12 x 22
13 x 22
16 x 27
100
16 x 27
16 x 27
16 x 36
220
16 x 36
18 x 41
22 x 42
330
18 x 41
22 x 42
470
22 x 42
UR (V)
tgδ
6.3
0.24
10
0.22
16
0.20
25
0.15
35
0.12
50, 63
0.10
100
0.08
160 ~ 250
0.16
400 ~ 450
0.20
CD11Rev1_240206CD
CR (µF)
CR, UR AND RELEVANT NOMINAL CASE SIZES(øD x L in mm)
UR (V)
DISSIPATION FACTOR - tgδ
CR (µF)
UR (V)
400V
450V
16 x 36
16 x 36
16 x 31
16 x 27
16 x 27
16 x 27
12 x 22
12 x 22
10 x 17
10 x 17
10 x 17
10 x 13
8 x 15
8 x 15
8 x 12
8 x 12
Continental Device India limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com