Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFA1046 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFA1046
Description  PNP SILICON PLANAR POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFA1046 Datasheet(HTML) 1 Page - Continental Device India Limited

  CFA1046 Datasheet HTML 1Page - Continental Device India Limited CFA1046 Datasheet HTML 2Page - Continental Device India Limited CFA1046 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR POWER TRANSISTOR
CFA1046
TO-220FP Fully Isolated
Plastic Package
Complementary CFC2026
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
RMS Isolation Voltage (for 1sec, R.H.
** VISOL (a)
<30%, Ta = 25
oC)
(b)
Collector Current
IC
Base Current
IB
Collector Power Dissipation @Ta=25
oC
PC
@Tc=25
oC
Junction Temperature
Tj
Storage Temperature Range
Tstg
** RMS Isolation Voltage: (a) 3500 VRMS with Package in Clip Mounting Position (b) 1500 VRMS with Package
in Screw Mounting Position (for 1sec, R.H.<30%, Ta=25
oC; Pulse Test: Pulse Width <300
µµs, Duty Cycle<2%)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB = 60V, IE=0
100
µA
Emitter Cut Off Current
IEBO
VEB= 7V, IC=0
100
µA
Collector Emitter Voltage
VCEO
IC= 50mA, IB=0
60
V
DC Current Gain
*hFE
VCE = 5V, IC = 0.5A
100
300
hFE
VCE = 5V, IC = 3A
20
Collector Emitter Saturation Voltage
VCE(sat)
IC = 2A, IB = 0.2A
1
V
Base Emitter On Voltage
VBE(on)
VCE = 5V, IC = 0.5A
1
V
Transition Frequency
fT
VCE = 5V, IC = 0.5A
30
MHz
Collector Output Capacitance
Cob
VCB= 10V, IE=0, f=1MHz
45
pF
Switching Time
Turn On Time
ton
IB1 = IB2 = 0.2A
0.4
µs
Storage Time
tstg
VCC = 30V
1.7
µs
Fall Time
tf
Duty Cycle < 1%
0.5
µs
*hFE Classification
Y : 100 - 200
GR : 150 - 300
VALUE
W
ºC
V
VRMS
VRMS
A
UNIT
V
V
1500
3.0
2.0
150
0.5
60
60
7.0
3500
- 55 to 150
A
25
W
ºC
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CFA1046

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFA1012 CDIL-CFA1012 Datasheet
139Kb / 3P
PNP SILICON PLANAR POWER TRANSISTOR
More results

Similar Description - CFA1046

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT549 ZETEX-FZT549 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT749 ZETEX-FZT749 Datasheet
87Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT753 ZETEX-FZT753 Datasheet
102Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX776 ZETEX-ZTX776 Datasheet
26Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT749 ZETEX-FXT749 Datasheet
29Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Continental Device Indi...
CFA1012 CDIL-CFA1012 Datasheet
139Kb / 3P
PNP SILICON PLANAR POWER TRANSISTOR
CJF6107 CDIL-CJF6107 Datasheet
295Kb / 4P
PNP SILICON PLANAR POWER TRANSISTOR
logo
Zetex Semiconductors
FXT557 ZETEX-FXT557 Datasheet
29Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
STBDW47 SEMTECH_ELEC-STBDW47 Datasheet
230Kb / 3P
PNP Silicon Planar Darlington Power Transistor
logo
Diodes Incorporated
2N6732 DIODES-2N6732 Datasheet
31Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1994
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com