Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDT13003C Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CDT13003C
Description  NPN SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CDT13003C Datasheet(HTML) 1 Page - Continental Device India Limited

  CDT13003C Datasheet HTML 1Page - Continental Device India Limited CDT13003C Datasheet HTML 2Page - Continental Device India Limited CDT13003C Datasheet HTML 3Page - Continental Device India Limited CDT13003C Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON POWER TRANSISTOR
CDT13003
TO-220
Plastic Package
Applications
Suitable for Lighting, Switching Regulator and Motor Control
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter (sus) Voltage
VCEO
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Peak (1)
ICM
Base Current Continuous
IB
Peak (1)
IBM
Emitter Current Continuous
IE
Peak (1)
IEM
Power Dissipation @ Ta=25 ºC
PD
Derate Above 25ºC
Power Dissipation @ Tc=25 ºC
PD
Derate Above 25ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
Junction to Ambient
Rth (j-a)
Maximum Lead Temperature for Soldering
Purpose: 1/8" from Case for 5 Seconds
(1) Pulse Test: Pulse Width=5ms, Duty Cycle=10%
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=1mA, IE=0
600
-
-
V
Collector Emitter (sus) Voltage
*VCEO(sus)
IC=10mA, IB=0
400
-
-
V
Collector Cut Off Current
ICBO
VCB=600V, IE=0
-
-
1.0
mA
VCB=600V, IE=0, Tc=100ºC
5.0
mA
Emitter Cut Off Current
IEBO
VEB=9V, IC=0
-
-
1.0
mA
*Pulse Test:- PW=300
µµs, Duty Cycle=2%
CDT13003Rev_1 230306D
275
ºC
TL
UNIT
V
V
V
A
A
A
W
A
A
A
ºC
ºC/W
ºC/W
VALUE
600
400
9.0
1.8
3.5
0.75
1.5
- 65 to+150
2.08
89
2.25
4.5
1.4
11.2
mW/ ºC
W
mW/ ºC
50
480
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CDT13003C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDT100 ETC1-CDT100 Datasheet
243Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
TOKYO KEISO CO.,LTD.
CDT1000 KEISO-CDT1000 Datasheet
428Kb / 6P
Multi-Digital Flowmeter
SEP. 2013K
logo
List of Unclassifed Man...
CDT100GK08 ETC1-CDT100GK08 Datasheet
243Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
CDT100GK12 ETC1-CDT100GK12 Datasheet
243Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
CDT100GK14 ETC1-CDT100GK14 Datasheet
243Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results

Similar Description - CDT13003C

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com