Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECU-1251-R10AAE Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # ECU-1251-R10AAE
Description  Distributed Solar Power Station Monitoring and Management Solution
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ECU-1251-R10AAE Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  ECU-1251-R10AAE Datasheet HTML 1Page - Advantech Co., Ltd. ECU-1251-R10AAE Datasheet HTML 2Page - Advantech Co., Ltd. ECU-1251-R10AAE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
E&E & M2I/E&E Solution Ready Package
SRP-ESP315
SPMS Software Specifications
General
ƒ
Database
Microsoft SQL Server 2012 (Exclusive from
the package)
ƒ
Report Export Format
Excel
ƒ
Display Resolution
1920 x 1080 (Optimal)
ƒ
Cross Browser and Platform
Yes
ƒ
Browser
Internet Explorer: IE 11
Chrome: Version 50 or above
Safari: Version 7 or above
ƒ
APP Client
100
Data Refresh and Response Time
Items
Refresh
Response
Group/Power Station/
Device Alarm
10 s
< 5s (Affected by the network channel
delay and controlled equipment)
On-line Map
10 s
< 5s (Affected by the network channel
delay and controlled equipment)
Real-time Power Data
10 s
< 5s (Affected by the network channel
delay and controlled equipment)
Device Communication
Status
10 s
< 5s (Affected by the network channel
delay and controlled equipment)
Weather Information
10 s
< 5s (Affected by the network channel
delay and controlled equipment)
Energy Saving and
Emission Reduction Data
10 s
< 5s (Affected by the network channel
delay and controlled equipment)
Real-time Data of Inverter
and Power Meter
10 s
< 5s (Affected by the network channel
delay and controlled equipment)
Historical Data
15 mins
< 5s (Affected by the network channel
delay)
Capacity
ƒ
Maximum Number of I/O Tags
200000
ƒ
Maximum Power Plant Capacity 2GW
ƒ
Maximum Number of
15000
Data Acquisition Gateway
Mobile APP Resolution
ƒ
Android
1280 x 720, 1920 x 1080, 2560 x 1440
ƒ
iOS
1334 x 750, 1920 x 1080
Platform Specifications
SPMS Application Server
ƒ
CPU
Intel Hasewell Core i7 4650U dual-core
ƒ
Memory
16GB
ƒ
Storage
1 x 2.5’’ SATA HDD 500GB
ƒ
Ethernet Port
8 x 10/100/1000 Base-T RJ45 ports
ƒ
Operating System
Windows Server 2008 R2 or above
ƒ
Framework
.Net Framework 4.5
ƒ
Web Server
IIS7
Data Gateway
ƒ
CPU
TI Cortex A8, 800MHz
ƒ
Storage
1GB Micro-SD card for system storage
ƒ
Ethernet Port
2 x 10/100 Base-T RJ-45 ports ECU-1251
ƒ
Wireless (Optional)
Interface: 1 x Mini-PCIe
(Full-size, signal: USB)
ƒ
Configuration Tool
Advantech TagLink Studio
ƒ
Protocol Support
Modbus, IEC-60870-104(slave)
Ordering Information
ƒ
SRP-ESP315-M0A
10 x ECU-1251 with Advantech TagLink, 1 x ECU-4784
with Intel Hasewell Core i7 1.7GHz, 16GB RAM, 500GB
SATA HDD, Windows Server 2008 R2, WebAccess Pro.
Unlimited tags, SPMS
Wireless AP
ƒ
EKI-6332GN
IEEE802.11 b/g/n Wi-Fi AP/Client
Wi-Fi Solution
ƒ
9656EWMG00E
Half to full-size Mini PCIe bracket pack
ƒ
EWM-W150H02E
Half-size mini card, supports 802.1 1bgn
ƒ
1750006043
SMA(M) cable, 15cm
ƒ
1750000318
2dBi antenna for testing, 11cm
Storage Solution
ƒ
96FMMSDI-8G-ET-AT
ATP 8G MICRO SD CARD I-GRD SLC(G)
Extension Solution
ƒ
ECU-1251-R10AAE
TI Cortex A8 Industrial Communication Gateway with
2 x LAN, 4 x COM, 1 x Mini-PCIe



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com