Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFC3944Q Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFC3944Q
Description  NPN SILICON PLANAR POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFC3944Q Datasheet(HTML) 1 Page - Continental Device India Limited

  CFC3944Q Datasheet HTML 1Page - Continental Device India Limited CFC3944Q Datasheet HTML 2Page - Continental Device India Limited CFC3944Q Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR POWER TRANSISTORS
CFC3944, CFC3944A
TO-220FP Fully Isolated
Plastic Package
Complementary CFA1535, CFA1535A
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
RMS Isolation Voltage (for 1sec, R.H.
** VISOL (a)
<30%, Ta = 25
oC)
(b)
Collector Current Peak
ICP
Collector Current
IC
Collector Power Dissipation @Tc=25
oC
PC
@Ta=25
oC
Junction Temperature
Tj
Storage Temperature Range
Tstg
** RMS Isolation Voltage: (a) 3500 VRMS with Package in Clip Mounting Position (b) 1500 VRMS with Package
in Screw Mounting Position (for 1sec, R.H.<30%, Ta=25
oC; Pulse Test: Pulse Width <300
µµs, Duty Cycle<2%)
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB =150V, CFC3994
10
µA
VCB =180V, CFC3994A
10
µA
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
CFC3944
150
V
CFC3944A
180
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5
V
DC Current Gain
*hFE
VCE =10V, IC =150mA
95
220
hFE
VCE =5V, IC =500mA
50
Collector Emitter Saturation Voltage
VCE(sat)
IC =500mA, IB =50mA
2
V
Base Emitter Saturation Voltage
VBE(sat)
IC =500mA, IB =50mA
2
V
Transition Frequency
fT
VCE =10V, IC = 50mA,f=1MHz
200
MHz
Collector Output Capacitance
Cob
VCB= 10V, IE=0, f=1MHz
50
pF
*hFE Classification
Q : 95 - 155
R : 130 - 220
A
CFC3944
CFC3944A
W
UNIT
V
V
1500
1.0
15
ºC
V
VRMS
VRMS
A
W
150
1.5
150
180
150
180
5.0
3500
2.0
- 55 to +150
oC
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CFC3944Q

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
CFC3.5 NTE-CFC3.5 Datasheet
3Mb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
logo
Continental Device Indi...
CFC3852 CDIL-CFC3852 Datasheet
82Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
More results

Similar Description - CFC3944Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX452 ZETEX-ZTX452 Datasheet
47Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX454 ZETEX-ZTX454 Datasheet
50Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
BD127 ETC1-BD127 Datasheet
118Kb / 2P
SILICON NPN PLANAR POWER TRANSISTORS
logo
Continental Device Indi...
CFD1264 CDIL-CFD1264 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
CFD1275 CDIL-CFD1275 Datasheet
106Kb / 3P
NPN SILICON PLANAR DALINGTON POWER TRANSISTORS
logo
Diodes Incorporated
ZTX450 DIODES-ZTX450 Datasheet
60Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
logo
New Jersey Semi-Conduct...
2N2811 NJSEMI-2N2811 Datasheet
146Kb / 1P
SILICON PLANAR NPN POWER TRANSISTORS
2N5661 NJSEMI-2N5661 Datasheet
80Kb / 1P
SILICON PLANAR NPN POWER TRANSISTORS
2N5664 NJSEMI-2N5664 Datasheet
73Kb / 1P
SILICON PLANAR NPN POWER TRANSISTORS
logo
Diodes Incorporated
ZTX455 DIODES-ZTX455_15 Datasheet
59Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com