Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMW Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # CMW
Description  3W-6W WIDE INPUT RANGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CMW Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  CMW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DANUBE
http://www.danube.com.tw
2020/05/18
3
 SELECTION GUIDE(2)
4:1 6W OUTPUT
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
INPUT9
CURRENT(mA) EFF10
(%)
CAPACITOR
LOAD
(Max.)
FULL
LOAD
NO
LOAD
CMWS-1205C6T(R)
9-36
5
1200
625
20
80
330uF
CMWS-1212C6T(R)
9-36
12
500
602
20
83
120uF
CMWS-1215C6T(R)
9-36
15
400
602
20
83
100uF
CMWD-1205C6T(R)
9-36
+/-5
+/-600
617
20
81
+/-330uF
CMWD-1212C6T(R)
9-36
+/-12
+/-250
617
20
81
+/-47uF
CMWD-1215C6T(R)
9-36
+/-15
+/-200
617
30
81
+/-47uF
CMWS-2405C6T(R)
18-75
5
1200
308
15
81
330uF
CMWS-2412C6T(R)
18-75
12
500
301
15
83
120uF
CMWS-2415C6T(R)
18-75
15
400
301
15
83
100uF
CMWD-2405C6T(R)
18-75
+/-5
+/-600
308
15
81
+/-330uF
CMWD-2412C6T(R)
18-75
+/-12
+/-250
305
15
82
+/-47uF
CMWD-2415C6T(R)
18-75
+/-15
+/-200
305
15
82
+/-47uF
Note: Other input to output voltages maybe available. Please contact factory.
 PARTNUMBES STRUCTURE
Series
Coding Scheme
CMW Series
CMWv-x1x2x3x4x5x6-zzz
CMW = Series Name
v=Type of output voltage
(S=Single output、D=Dual output)
x1=Input Voltage
x2=Output Voltage
x3=Package(C)
x4=Power(3W-6W)
x5=Input Voltage Range (T=4:1)
x6= Remote ON/OFF Control (R)
zzz= 0~9,A~Z or blank for market purpose.
9 NOMINAL INPUT VOLTAGE
10 NOMINAL INPUT VOLTAGE, FULL LOAD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com