Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW Datasheet(PDF) 15 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 15 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 11Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 12Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 13Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 14Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 15Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 16Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 17Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 18Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 19Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
15
SELECTION GUIDE(14)
2:1 5W OUTPUT(SMD PACKAGE)
INPUT
37
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
38
ISOLATION
(VDC)
CWS-1205(ABC)5MS
9-18
5
1000
521
18
80
1500
CWS-1212(ABC)5MS
9-18
12
470
566
18
83
1500
CWS-1215(ABC)5MS
9-18
15
400
595
18
84
1500
CWD-1205(ABC)5MS
9-18
+/-5
+/-500
521
18
80
1500
CWD-1212(ABC)5MS
9-18
+/-12
+/-230
554
30
83
1500
CWD-1215(ABC)5MS
9-18
+/-15
+/-190
565
32
84
1500
CWS-2405(ABC)5MS
18-36
5
1000
257
10
81
1500
CWS-2412(ABC)5MS
18-36
12
470
283
10
83
1500
CWS-2415(ABC)5MS
18-36
15
400
294
10
85
1500
CWD-2405(ABC)5MS
18-36
+/-5
+/-500
257
10
81
1500
CWD-2412(ABC)5MS
18-36
+/-12
+/-230
274
15
84
1500
CWD-2415(ABC)5MS
18-36
+/-15
+/-190
283
15
84
1500
CWS-4805(ABC)5MS
36-72
5
1000
127
5
82
1500
CWS-4812(ABC)5MS
36-72
12
470
138
5
85
1500
CWS-4815(ABC)5MS
36-72
15
400
147
5
85
1500
CWD-4805(ABC)5MS
36-72
+/-5
+/-500
127
5
82
1500
CWD-4812(ABC)5MS
36-72
+/-12
+/-230
135
5
85
1500
CWD-4815(ABC)5MS
36-72
+/-15
+/-190
140
5
85
1500
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
CWS-1205A5MS (SMD A PACKAGE 5W SINGLE OUTPUT)
CWD-2405B5MS (SMD B PACKAGE 5W DUAL OUTPUT)
37
NOMINAL INPUT VOLTAGE.
38 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com