Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJF107 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CJF107
Description  SILICON PLANAR POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF107 Datasheet(HTML) 3 Page - Continental Device India Limited

  CJF107 Datasheet HTML 1Page - Continental Device India Limited CJF107 Datasheet HTML 2Page - Continental Device India Limited CJF107 Datasheet HTML 3Page - Continental Device India Limited CJF107 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN
PNP
CJF100 CJF105
CJF101 CJF106
CJF102 CJF107
TO-220 FP Tube Packing
TO-220FP Fully Isolated Plastic Package
DIM
MIN
MAX
All diminsions in mm.
A
B
C
D
E
F
G
H
J
9.96
2.60
4.50
3.10
7.90
16.87
0.45
2.56
2.34
K
—
L
—
M
—
10.36
3.00
4.90
3.30
8.20
17.27
0.50
2.96
2.74
3.08
30.05
0.80
Pin Configuration
1. Base
2. Collector
3. Emitter
3
2
1
C
B
G
H
1
2
3
A
D
M
J
J
TO-220FP
200 pcs/polybag
50 pcs/tube
396 gm/200 pcs
135 gm/50 pcs
3" x 7.5" x 7.5"
3.5" x 3.7" x 21.5"
1K
1K
17" x 15" x 13.5"
19" x 19" x 19"
16K
10K
36 kgs
28 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
6.87
13.74
End Pin
Tube Thickness
DEVICE NAME
Label
536.00
±1.5
50 Pcs./Tube
Sr.
QTY.
AllDimen sions in m m
AMMO PACK SIZE
20 Tubes/Ammo Pack
1000 Pcs./Ammo Pack
DE
V IC
E N
AM
E
S r.
Qty
.
Label
538
.00
75.0
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com