Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGS-600 Datasheet(PDF) 4 Page - CUI INC

Part # VGS-600
Description  INTERNAL AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-600 Datasheet(HTML) 4 Page - CUI INC

  VGS-600 Datasheet HTML 1Page - CUI INC VGS-600 Datasheet HTML 2Page - CUI INC VGS-600 Datasheet HTML 3Page - CUI INC VGS-600 Datasheet HTML 4Page - CUI INC VGS-600 Datasheet HTML 5Page - CUI INC VGS-600 Datasheet HTML 6Page - CUI INC VGS-600 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
date 09/09/2022
│ page 4 of 7
CUI Inc
│ SERIES: VGS-600 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
101.6 x 203.1 x 40.6
mm
weight
1,000
g
cooling
forced air cooling
case material
metal (AL1100, SGCC)
MECHANICAL DRAWING
units: mm [inch]
adj: output adjustable resistor
input connector wire range: 22 ~ 14 awg
input connector tightening torque: M4, 1.2 N·m (max)
output connector (-V0/+V0) tightening torque: M5, 2.4 N·m (max)
tolerance: ±1.0 [±0.039]
Position
Screw
spec.
L (max)
Torque
(max)
1 - 8
M3
4 mm
0.4 N·m
Note: At least one hole position, 1 ~ 8 , must be securely connected
to Protective Earth (PE)
PIN CONNECTIONS
PIN
Function
1
2
AC (L)
3
AC (N)
4
+Vo
5
-Vo
Figure
Output connector J1
PIN
Function
PIN
Function
Customer connector
1
-S
2
+S
MOLEX PN:
51110-1450
(without locking ramp)
or
5110-1451
(with locking ramp)
or equivalent
3
NC
4
NC
5
DC_OK-
6
DC_OK+
7
+5VSB
8
5VSB_RTN
9
RC+
10
RC-
11
+5VSB
12
+5VSB
13
5VSB_RTN
14
5VSB_RTN
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com