Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16DW Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BAS16DW
Description  SMD Small Signal Diodes SMD Kleinsignal-Dioden
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS16DW Datasheet(HTML) 2 Page - Diotec Semiconductor

  BAS16DW Datasheet HTML 1Page - Diotec Semiconductor BAS16DW Datasheet HTML 2Page - Diotec Semiconductor BAS16DW Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS316WS-AQ
Characteristics
Kennwerte
Forward voltage
Durchlass-Spannung
1
)
Tj = 25° C
IF =
1 mA
10 mA
50 mA
150 mA
VF
< 0.715 V
< 0.855 V
< 1.0 V
< 1.25 V
Leakage current
Sperrstrom
1)
Tj = 25° C
VR =
25 V
75 V
IR
< 30 nA
< 1 µA
Tj = 150° C
VR =
25 V
75 V
IR
< 30 µA
< 50 µA
Max. junction capacitance
Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
CT
< 1.5 pF
Reverse recovery time
Sperrverzug
IF = 10 mA über/ through
IR = 10 mA bis / to IR = 1 mA
trr
< 4 ns
Typical thermal resistance junction to ambient
Typischer Wärmewiderstand Sperrschicht – Umgebung
RthA
500 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycles ≤ 2 %
gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2 %
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
2
Zul. Richtstrom in Abh. von der Umgebungstemp. )
2
[°C]
T
A
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V] 1.4
1.0
0.8
0.6
0.4
0
[A]
I
F
10-4
10-3
10
-2
10-1
1
T = 25°C
j
T = 125°C
j



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com