Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA220 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P4SMA220
Description  SMD Transient Voltage Suppressor Diodes SMD Spannungs-Begrenzer-Dioden
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4SMA220 Datasheet(HTML) 2 Page - Diotec Semiconductor

  P4SMA220 Datasheet HTML 1Page - Diotec Semiconductor P4SMA220 Datasheet HTML 2Page - Diotec Semiconductor P4SMA220 Datasheet HTML 3Page - Diotec Semiconductor P4SMA220 Datasheet HTML 4Page - Diotec Semiconductor P4SMA220 Datasheet HTML 5Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P4SMAJ5.0 ... P4SMAJ170CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
1
)
Typ
Q) -Q
A) -AQ
2)
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM 3)
Breakdown voltage at
Abbruch-Spannung bei
IT = 1 mA | *) 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional
bidirectional
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P4SMAJ5.0
P4SMAJ5.0C
5.0
800
6.4 *)
7.8 *)
10.3
38.8
P4SMAJ5.0A
P4SMAJ5.0CA
5.0
800
6.4 *)
7.0 *)
9.2
43.5
P4SMAJ6.5
P4SMAJ6.5C
6.5
500
7.2 *)
8.8 *)
12.3
32.5
P4SMAJ6.5A
P4SMAJ6.5CA
6.5
500
7.2 *)
8.0 *)
11.2
35.7
P4SMAJ7.0
P4SMAJ7.0C
7.0
200
7.8 *)
9.5 *)
13.3
30.1
P4SMAJ7.0A
P4SMAJ7.0CA
7.0
200
7.8 *)
8.7 *)
12.0
33.3
P4SMAJ7.5
P4SMAJ7.5C
7.5
100
8.3
10.1
14.3
28.0
P4SMAJ7.5A
P4SMAJ7.5CA
7.5
100
8.3
9.2
12.9
31.0
P4SMAJ8.0
P4SMAJ8.0C
8.0
50
8.9
10.9
15.0
26.7
P4SMAJ8.0A
P4SMAJ8.0CA
8.0
50
8.9
9.9
13.6
29.4
P4SMAJ8.5
P4SMAJ8.5C
8.5
10
9.4
11.5
15.9
25.2
P4SMAJ8.5A
P4SMAJ8.5CA
8.5
10
9.4
10.4
14.4
27.8
P4SMAJ9.0
P4SMAJ9.0C
9.0
5
10.0
12.2
16.9
23.7
P4SMAJ9.0A
P4SMAJ9.0CA
9.0
5
10.0
11.1
15.4
26.0
P4SMAJ10
P4SMAJ10C
10
5
11.1
13.5
18.8
21.3
P4SMAJ10A A)
P4SMAJ10CA A)
10
5
11.1
12.3
17.0
23.5
P4SMAJ11
P4SMAJ11C
11
5
12.2
14.9
20.1
19.9
P4SMAJ11A A)
P4SMAJ11CA A)
11
5
12.2
13.5
18.2
22.0
P4SMAJ12
P4SMAJ12C
12
5
13.3
16.2
22.0
18.2
P4SMAJ12A Q A)
P4SMAJ12CA Q A)
12
5 / 1 Q A)
13.3
14.8
19.9
20.1
P4SMAJ13
P4SMAJ13C
13
5
14.4
17.6
23.8
16.8
P4SMAJ13A A)
P4SMAJ13CA Q A)
13
5
14.4
16.0
21.5
18.6
P4SMAJ14
P4SMAJ14C
14
5
15.6
19.0
25.8
15.5
P4SMAJ14A A)
P4SMAJ14CA A)
14
5
15.6
17.3
23.2
17.2
P4SMAJ15
P4SMAJ15C
15
5
16.7
20.4
26.9
14.9
P4SMAJ15A Q A)
P4SMAJ15CA A)
15
5
16.7
18.6
24.4
16.4
P4SMAJ16
P4SMAJ16C
16
5
17.8
21.7
28.8
13.9
P4SMAJ16A A)
P4SMAJ16CA A)
16
5
17.8
19.8
26.0
15.4
P4SMAJ17
P4SMAJ17C
17
5
18.9
23.1
30.5
13.1
P4SMAJ17A A)
P4SMAJ17CA A)
17
5
18.9
21.0
27.6
14.5
P4SMAJ18
P4SMAJ18C
18
5
20.0
24.4
32.2
12.4
P4SMAJ18A Q A)
P4SMAJ18CA QA)
18
5
20.0
22.2
29.2
13.7
P4SMAJ20
P4SMAJ20C
20
5
22.2
27.1
35.8
11.2
P4SMAJ20A A)
P4SMAJ20CA A)
20
5
22.2
24.6
32.4
12.3
P4SMAJ22
P4SMAJ22C
22
5
24.4
29.8
39.4
10.2
P4SMAJ22A A)
P4SMAJ22CA A)
22
5
24.4
27.1
35.5
11.3
P4SMAJ24
P4SMAJ24C
24
5
26.7
32.6
43.0
9.3
P4SMAJ24A A)
P4SMAJ24CA A)
24
5
26.7
29.6
38.9
10.3
P4SMAJ26
P4SMAJ26C
26
5
28.9
35.3
46.6
8.6
P4SMAJ26A Q A)
P4SMAJ26CA A)
26
51/1 A)
28.9
32.1
42.1
9.5
P4SMAJ28
P4SMAJ28C
28
5
31.1
37.9
50.0
8.0
P4SMAJ28A A)
P4SMAJ28CA Q A)
28
5
31.1
34.5
45.4
8.8
P4SMAJ30
P4SMAJ30C
30
5
33.3
40.1
53.5
7.5
P4SMAJ30A A)
P4SMAJ30CA Q A)
30
5
33.3
36.9
48.4
8.3
P4SMAJ33
P4SMAJ33C
33
5
36.7
44.8
59.0
6.8
P4SMAJ33A Q A)
P4SMAJ33CA Q A)
33
5
36.7
40.7
53.3
7.5
P4SMAJ36
P4SMAJ36C
36
5
40.0
48.4
64.3
6.2
1
Footnotes see last page – Fußnoten siehe letzte Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com