Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-2001-TC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-2001-TC
Description  Single-Channel Thermocouple Measurement Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-2001-TC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-2001-TC Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-2001-TC Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-2001-TC Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-2001-TC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-2001-TC
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
Single-Channel Thermocouple Measurement Device
Thermocouple Input
The USB-2001-TC is a USB device that
takes measurements from type J, K, R, S,
T, N, E, and B thermocouples.
The thermocouple type is software pro-
grammable and stored on the device. A
20-bit ADC processes the data conver-
sions.
Thermocouple input ranges are
±73.125 mV (calibrated) and ±146.25 mV,
(not calibrated). The ±146.25 mV range
is used for open thermocouple detection.
The device has an integrated cold junction
compensation sensor.
Open-Thermocouple
Detection
The USB-2001-TC is equipped with open-
thermocouple detection.
With OTD, any open-circuit condition
at the thermocouple sensor is detected
by the software. An open channel is
detected by driving the input voltage
to a positive value outside the range of
the thermocouple output. The software
recognizes this as an invalid reading and
returns the value “OTD”.
The USB-2001-TC provides reliable temperature measurement at an affordable price
Features
• One thermocouple input
• 20-bit resolution
• 4 S/s sample rate
• Integrated cold junction
compensation (CJC) sensor
• Open-thermocouple detection
(OTD) feature
• Supports J, K, R, S, T, N, E, and
B type thermocouples
• Accepts standard mini-plug
• Small form-factor
• Bus powered
Supported Operating Systems
• Windows®
11/10/8/7/Vista®/
XP, 32/64-bit
• Linux®
Overview
The USB-2001-TC is a single-channel, 20-bit, thermocouple input DAQ device
that measures temperatures in the ranges defined by NIST J, K, R, S, T, N, E, and
B thermocouple types. It features a 4 S/s sample rate, integrated cold junction
compensation, and open thermocouple detection.
The USB-2001-TC has a small form-factor, and is designed with a captive USB cable
attached to one end, and a socket on the other end for receiving industry-standard
thermocouple miniature connectors. The USB-2001-TC gets power from the host
PC via the USB cable, and requires no external supply.
The USB-2001-TC provides an ideal solution for embedded applications that require
reliable temperature measurements at an affordable price point.
Thermocouple Connectors
Users can quickly connect a thermocouple
to the USB-2001-TC with a standard min-
iature connector.
Thermocouple miniconnectors are avail-
able for purchase from Measurement
Computing.
Thermocouple miniconnectors
Thermocouple leads with miniconnector


Similar Part No. - USB-2001-TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB-2020 ETC-USB-2020 Datasheet
862Kb / 5P
12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
September 2019. Rev 6
More results

Similar Description - USB-2001-TC

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
2B54 INTRONICS-2B54 Datasheet
1Mb / 6P
Four-Channel, Isolated Thermocouple/mV Conditioners
logo
National Instruments Co...
NI9213 NI-NI9213 Datasheet
258Kb / 8P
16-Channel Thermocouple Module
logo
Topstek Inc.
TU10P5A TOPSTEK-TU10P5A Datasheet
139Kb / 2P
Highly reliable True RMS current measurement device
TU16P5A TOPSTEK-TU16P5A Datasheet
134Kb / 2P
Highly reliable True RMS current measurement device
TU24P5A TOPSTEK-TU24P5A Datasheet
143Kb / 2P
Highly reliable True RMS current measurement device
logo
ams AG
TMD2725 AMSCO-TMD2725 Datasheet
1Mb / 50P
The device features advanced proximity measurement
TMD3700 AMSCO-TMD3700 Datasheet
818Kb / 46P
The device features advanced Proximity measurement
logo
WAGO Kontakttechnik Gmb...
750-498 WAGO-750-498 Datasheet
494Kb / 10P
8-channel analog input; Thermocouple; Adjustable
logo
List of Unclassifed Man...
E-TC ETC-E-TC Datasheet
900Kb / 5P
Ethernet-based 8-Channel Thermocouple Input Device
April 2020. 4
TC-32 ETC-TC-32 Datasheet
1Mb / 6P
USB/Ethernet-Based High-Precision Thermocouple Measurement Devices
April 2020. Rev 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com