Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMBT2907A Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CMBT2907A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT2907A Datasheet(HTML) 3 Page - Continental Device India Limited

  CMBT2907A Datasheet HTML 1Page - Continental Device India Limited CMBT2907A Datasheet HTML 2Page - Continental Device India Limited CMBT2907A Datasheet HTML 3Page - Continental Device India Limited CMBT2907A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 3 of 4
Transition frequency at f = 100 MHz
–IC = 50 mA; – VCE = 20 V;
Tamb = 25 °C
fT
>
200
MHz
Output capacitance at f = 1 MHz
IE = Ie = 0; –VCB = 10V
Co
<
8,0
pF
Input capacitance at f = 1 MHz
IC = Ic = 0; –VEB = 2 V
Ci
<30
pF
Switching times (between 10% and 90% levels)
Turn–on time when switched to
–lC = 150mA; –lB = 15 mA; VCC = 30V
delay time
td
<10
ns
rise time
tr
<40
ns
turn on time (td + tr)
ton
<
45
ns
Turn–off time when switched from
–IC = 150 mA; –lB = 15 mA; VCC = 6 V
to cut–off with + IBM = 15 mA
storage time
ts
<80
ns
fall time
tf
<30
ns
turn–off time (ts + tf)toff
<
100
ns
CMBT2907
CMBT2907A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com