Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMBT4123 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT4123
Description  GENERAL PURPOSE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT4123 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT4123 Datasheet HTML 1Page - Continental Device India Limited CMBT4123 Datasheet HTML 2Page - Continental Device India Limited CMBT4123 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
GENERAL PURPOSE TRANSISTOR
N–P–N transistor
Marking
CMBT4123 = 5B
ABSOLUTE MAXIMUM RATINGS
Collector–base voltage (open emitter)
–VCBO
max.
40 V
Collector–emitter voltage (open base)
–VCEO
max.
30 V
Emitter–base voltage (open collector)
–VEBO
max.
5 V
Collector current (d.c.)
–I C
max.
200 mA
Total power dissipation at Tamb = 25°C
Ptot
max
225 mW
D.C. current gain
min.
50
–IC = 2 mA; –VCE = 1 V
hFE
max.
150
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
–VCBO
max.
40 V
Collector–emitter voltage (open base)
–VCEO
max.
30 V
Emitter–base voltage (open collector)
–VEBO
max.
5 V
Collector current (d.c.)
–I C
max.
200 mA
Total power dissipation at Tamb = 25°C
Ptot
max
225 mW
CMBT4123
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBT4123

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4124 CDIL-CMBT4124 Datasheet
159Kb / 3P
GENERAL PURPOSE TRANSISTOR
CMBT4125 CDIL-CMBT4125 Datasheet
164Kb / 3P
GENERAL PURPOSE TRANSISTOR
CMBT4126 CDIL-CMBT4126 Datasheet
93Kb / 3P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - CMBT4123

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com