Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND9012AJTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # VND9012AJTR
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJTR Datasheet(HTML) 2 Page - STMicroelectronics

  VND9012AJTR Datasheet HTML 1Page - STMicroelectronics VND9012AJTR Datasheet HTML 2Page - STMicroelectronics VND9012AJTR Datasheet HTML 3Page - STMicroelectronics VND9012AJTR Datasheet HTML 4Page - STMicroelectronics VND9012AJTR Datasheet HTML 5Page - STMicroelectronics VND9012AJTR Datasheet HTML 6Page - STMicroelectronics VND9012AJTR Datasheet HTML 7Page - STMicroelectronics VND9012AJTR Datasheet HTML 8Page - STMicroelectronics VND9012AJTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Description
The device is a double channel high-side driver manufactured using ST proprietary VIPower M0-9 technology and
housed in PowerSSO-16 package. The device is designed to drive 12 V automotive grounded loads through a 3 V
and 5 V CMOS-compatible interface, providing protection and diagnostics.
The device integrates advanced protective functions such as load current limitation, overload active management
by power limitation and overtemperature shutdown with configurable latch-off.
A FaultRST pin unlatches the output in case of fault or disables the latch-off functionality.
A dedicated multifunction multiplexed analog output pin delivers diagnostic functions including high precision
proportional load current sense, in addition to the detection of overload and short circuit to ground, short to VCC
and OFF-state open-load.
A sense enable pin allows OFF-state diagnosis to be disabled during the module low-power mode as well as
external sense resistor sharing among similar devices.
VND9012AJ
DS12727 - Rev 3
page 2/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com