Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCS7260C Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 14Page - Power Integrations, Inc. LCS7260C Datasheet HTML 15Page - Power Integrations, Inc. LCS7260C Datasheet HTML 16Page - Power Integrations, Inc. LCS7260C Datasheet HTML 17Page - Power Integrations, Inc. LCS7260C Datasheet HTML 18Page - Power Integrations, Inc. LCS7260C Datasheet HTML 19Page - Power Integrations, Inc. LCS7260C Datasheet HTML 20Page - Power Integrations, Inc. LCS7260C Datasheet HTML 21Page - Power Integrations, Inc. LCS7260C Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Rev. D 11/22
18
HiperLCS-2
www.power.com
Absolute Maximum Ratings1,2 – LCS726xC
HD Pin Voltage2 ....................................................... -1.3 V to 600 V
HB Pin Voltage2......................................................... -1.3 V to 600 V
DC Output Current4,5:
LCS7260 ..................................................2.9 A
LCS7262 ..................................................5.8 A
LCS7265 ................................................ 10.9 A
BPH Pin Voltage3,5 .......................................................-0.3 V to 27 V
BPL Pin Voltage5 ........................................................-0.3 V to 27 V
BPL Pin Current .....................................................................50 mA
5VH Pin Voltage3 .............................................................-0.3 to 6 V
5VL Pin Voltage ..............................................................-0.3 to 6 V
FL, PP Pin Voltage............................................................-0.3 to 6 V
BM Pin Voltage ................................................................-0.3 to 6 V
BM Pin Current ......................................................................10 mA
L Pin Voltage ............................................................-0.3 V to 600 V
L Pin Current ...........................................................................1 mA
S Pin to GP or GD Pin Voltage ...............................................±0.33 V
Junction Temperature5:
FREDFET.................................-40 °C to 160 °C
Driver......................................-40 °C to 150 °C
Storage Temperature .............................................-65 °C to 150 °C
Ambient Temperature ............................................-40 °C to 105 °C
Lead Temperature4 .............................................................. 260 °C
Notes:
1. Maximum ratings specified may be applied one at a time without
causing permanent damage to the product. Exposure to Absolute
Maximum Ratings conditions for extended periods of time may
affect product reliability.
2. All voltages referenced to low-side Source S and signal ground GP,
GD except noted otherwise, T
A = 25 °C.
3. Referenced to Half-bridge Connection HB, T
A = 25 °C.
4. Continuous DC output current per FREDFET calculated at 25 °C
case and 125 °C junction temperature.
5. Normally limited by internal circuitry.
Thermal Resistance
Thermal Resistance: InSOP-24C Package
LCS7260C (q
JA) ....................74 °C/W
1
, 59 °C/W2
LCS7262C (q
JA) ....................68 °C/W
1
, 53 °C/W2
LCS7265C (q
JA) ....................63 °C/W
1
, 51 °C/W2
Notes:
1. Individual exposed pad (HB or HD), soldered to 0.36 sq. in.
(232 mm²), 2 oz. (610 g/m²) copper clad.
2. Individual exposed pad (HB or HD), soldered to 1.0 sq. in.
(645 mm²), 2 oz. (610 g/m²) copper clad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com