Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIN1072M Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # MIN1072M
Description  Bulk Capacitor Miniaturization and Inrush Management IC With 750 V PowiGaN for Very High Power Density AC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

MIN1072M Datasheet(HTML) 4 Page - Power Integrations, Inc.

  MIN1072M Datasheet HTML 1Page - Power Integrations, Inc. MIN1072M Datasheet HTML 2Page - Power Integrations, Inc. MIN1072M Datasheet HTML 3Page - Power Integrations, Inc. MIN1072M Datasheet HTML 4Page - Power Integrations, Inc. MIN1072M Datasheet HTML 5Page - Power Integrations, Inc. MIN1072M Datasheet HTML 6Page - Power Integrations, Inc. MIN1072M Datasheet HTML 7Page - Power Integrations, Inc. MIN1072M Datasheet HTML 8Page - Power Integrations, Inc. MIN1072M Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev. H 05/22
4
MinE-CAP
www.power.com
MinE-CAP Functional Description
The MinE-CAP IC comprises a digital controller and high-voltage
power switch which connected in series with a low-voltage (160 V)
bulk electrolytic capacitor in a power converter. The MinE-CAP IC
connects this low-voltage capacitor into the power supply at low input
line voltage conditions and disconnects it at high input line voltages.
A high-voltage (400 V) capacitor is connected in parallel to support
power delivery in high line conditions. The effective input capacitance
is equivalent the sum of C
LV and CHV at low input line to maintain the
same minimum DC voltage to the DC/DC converter stage. At high
input line condition the switch is disabled to ensure the voltage
across C
LV does not exceeded the rated voltage of the capacitor.
The MinE-CAP IC also includes a control signal transmitted from the
MinE-CAP LINE pin to control the start-up and fault shutdown of an
InnoSwitch IC via its V pin. Figure 4 illustrates the high level block
diagram.
Start-Up
Inrush Management
Upon application of AC input, the MinE-CAP controller is in the off-
state and the power switch is open. The C
LV is not engaged in the
circuit and only C
HV is charged by the AC input. CHV is significantly
smaller than C
LV and the inrush stress on the bridge rectifier and fuse
is therefore greatly reduced. The MinE-CAP IC then performs
controlled charging of C
LV as described in the next section. This
controlled charging of the C
LV allows MinE-CAP designs to eliminate
the inrush NTC, improving the overall system design by removing a
thermal hotspot and increases conversion efficiency.
Power-Up
The MinE-CAP Bypass is derived externally through direct connection
with the InnoSwitch BPP pin. Note that during this time, the
InnoSwitch IC is disabled from delivering power since the current
received by the InnoSwitch V pin is I
INJECT(UV) which is below brown-in
threshold of InnoSwitch (further details on V pin operation available
in InnoSwitch data sheets).
Active Charging
Once the BYPASS (BP) pin reaches regulation the MinE-CAP controller
waits for the bulk voltage to be above the MinE-CAP brown-in
threshold (I
UV+) measured on the VTOP pin. After brown-in, the
controller enters a wait state for 20 ms to ensure power supply input
voltage levels have stabilized. After that time, the MinE-CAP IC
samples the bulk DC voltage to determine which of two possible C
LV
charge up schemes to adopt as described below.
In low-line start-up conditions (V
IN < 150 VAC), the MinE-CAP IC
performs precisely controlled active charging of C
LV. At low-line
start-up condition, it is important to pre-charge C
LV to support full
power capability prior to enabling the InnoSwitch. The MinE-CAP IC
controls the internal high-voltage switch as a current source and uses
a precise constant current, pulse charging of C
LV, see Figure 6. This
algorithm allows fast charging of C
LV and ensures PSU is able to
deliver full power in less than 250 ms from initial AC line connection.
VCLV
IDS
VCLV
IDS
PI-9217-082520
Figure 6. Charging Algorithm used for Low-Line Start-Up.
In high-line start-up condition (V
IN > 150 VAC), the active charging
algorithm of C
LV described above is not employed. When selected
according to Figure 2, C
HV alone can deliver full power converter
output power at line voltages above 150 VAC. The InnoSwitch power
control IC is therefore enabled immediately using the V pin output
signal while C
LV is trickle charged at a lower rate until the steady-state
C
LV voltage is reached. The voltage across CLV is subsequently
precisely monitored and recharged as required depending on input
line conditions.
Steady-State
Power Switch Control Logic
The resistor connected to the VTOP pin is used to sense the line
voltage. During normal operation the MinE-CAP IC is fully on while
the bulk voltage remains below the user defined threshold (V
COV+).
V
COV± = ICOV± × RTOP
where
I
COV- = ICOV+ - ICOV(H)
In this condition C
LV contributes to the output power delivery. Once
the bulk voltage reaches V
COV+, the MinE-CAP IC is turned off to
maintain C
LV below its rated voltage. In this state, only CHV is
contributing to output power delivery.
The MinE-CAP IC measures the VBOT pin voltage to determine if
voltage on C
LV and CHV are equal. Once the DC bus voltage falls
below V
COV- and if the MinE-CAP IC determines CLV and CHV voltages
are equal (VBOT pin voltage close to 0 V), the MinE-CAP power
switch is turned on and C
LV is reengaged as an energy source for the
power converter.
As such, the MinE-CAP IC is designed to turn on and off, engaging
and disengaging C
LV during each AC line cycle, as may be required at
intermediate AC line voltages. Figure 7 summarizes the steady-state
control of the MinE-CAP power switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com