Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS5173F Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # PFS5173F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5173F Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button PFS5173F Datasheet HTML 10Page - Power Integrations, Inc. PFS5173F Datasheet HTML 11Page - Power Integrations, Inc. PFS5173F Datasheet HTML 12Page - Power Integrations, Inc. PFS5173F Datasheet HTML 13Page - Power Integrations, Inc. PFS5173F Datasheet HTML 14Page - Power Integrations, Inc. PFS5173F Datasheet HTML 15Page - Power Integrations, Inc. PFS5173F Datasheet HTML 16Page - Power Integrations, Inc. PFS5173F Datasheet HTML 17Page - Power Integrations, Inc. PFS5173F Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Rev. C 03/22
14
PFS5173-5178/5274
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
J = -40 to +125 °C
(See Note C)
Min
Typ
Max
Units
Control Functions
Maximum Operating
“On-Time” Controller
t
ON(MAX)
34
µ
s
Maximum Operating
“Off-Time” Controller
t
OFF(MAX)
No valleys detected on the VS pin
(operation in CCM mode)
248
µ
s
Feedback
Internal Feedback Error
Voltage Reference
V
FB(REF)
T
J = 25 °C
3.82
3.85
3.88
V
Feedback Error-Amplifier
Transconductance Gain
Gm
3.75 V < V
FB < 3.95 V
0 ºC < T
J < 100 °C
C = 4 V
75
90
105
µ
A/V
Soft shutdown Time
t
SHUTDWN
See Note A
1.00
1.16
ms
FEEDBACK Pin Start-Up/
Fault Threshold
V
FB(OFF)
0 ºC < T
J < 100 °C
0.64
0.71
V
FEEDBACK Pin
Undervoltage Assertion
Threshold
V
FB(UV)
0 ºC < T
J < 100 °C
2.09
2.25
2.36
V
FEEDBACK Pin
Overvoltage Assertion
Threshold
V
FB(OV+)
0 ºC < T
J < 100 °C
4.00
4.10
4.20
V
FEEDBACK Pin
Overvoltage Deassertion
Relative Threshold
V
FB(OV+REL_FB)
0 ºC < T
J < 100 °C
V
FB(REF)
+0.245
V
FEEDBACK Pin
Overvoltage
Deassertion Threshold
V
FB(OV-)
0 ºC < T
J < 100 °C
4.00
4.10
V
FEEDBACK Pin
Overvoltage Deassertion
Relative Threshold
V
FB(OV-REL_FB)
0 ºC < T
J < 100 °C
V
FB(REF)
+0.16
V
FEEDBACK Pin
Overvoltage Hysteresis
V
FB(OVHYST)
0 ºC < T
J < 100 °C
0.085
V
Voltage on C Pin That
Triggers Switching
During a Burst-Mode
Recovery, or When
Commencing Soft-Start
(COMPENSATION Pin
Burst Disable
Threshold)
V
ERR(MIN+)
0 ºC < T
J < 100 °C
0.2
V
Voltage on C Pin That
Suppresses Switching,
Causing the Device to
Enter Burst-Mode
(Burst Enable Threshold)
V
ERR(MIN-)
0 ºC < T
J ≤ 100 °C
0.1
V
Hysteresis of
VERR_MIN
(COMPENSATION Pin
Burst Threshold
Hysteresis)
V
ERR(HYST)
V
ERR_MIN+ - VERR_MIN-
0 ºC < T
J < 100 °C
0.09
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com