Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS5174F Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # PFS5174F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5174F Datasheet(HTML) 1 Page - Power Integrations, Inc.

  PFS5174F Datasheet HTML 1Page - Power Integrations, Inc. PFS5174F Datasheet HTML 2Page - Power Integrations, Inc. PFS5174F Datasheet HTML 3Page - Power Integrations, Inc. PFS5174F Datasheet HTML 4Page - Power Integrations, Inc. PFS5174F Datasheet HTML 5Page - Power Integrations, Inc. PFS5174F Datasheet HTML 6Page - Power Integrations, Inc. PFS5174F Datasheet HTML 7Page - Power Integrations, Inc. PFS5174F Datasheet HTML 8Page - Power Integrations, Inc. PFS5174F Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
HiperPFS-5 Family
www.power.com
March 2022
PFC Controller with Integrated 750 V PowiGaN
Optimized for High PF and Efficiency Across Load Range
Product Highlights
• Highly integrated, compact footprint
• Up to 240 W peak output power for universal applications without
heat sink
• Integrated 750 V PowiGaN™ with lossless current sensing
• Maintains high power factor up to 305 VAC and can operate
continuously at up to 460 VAC during line swells
• Quasi-resonant DCM control ensures low switching losses, smaller
inductor size than conventional CrM PFC, and permits use of low-
cost boost diode
• Integrated automatic X capacitor discharge and high-voltage
start-up for self bias
• Source-potential cooling pad in InSOP package enables effective
PCB cooling and minimizes EMI
• High efficiency and power factor across load range
• Up to 98.3% efficiency from 10% load to 100% load
• <40 mW no-load consumption at 230 VAC
• PF up to 0.96 achievable at 20% load
• Programmable Power Good (PG) signal for active inrush control
• User selectable power limit enables rapid prototyping: test different
size HiperPFS-5 IC’s in the same design for rapid optimization
• Digital line-peak-detection for robust performance even with
distorted input voltage from UPS or generators
• Digital power factor enhancer compensates for EMI filter and bridge
rectifier distortion
• Enables paralleling of PFC stages to increase output power
• Safety certified to IEC62368
Applications
• PC
High-power adaptors and USB PD
• Printer
3.1 rapid charging
• LCD TV
High-power LED lighting
• Video game consoles
Industrial and appliance
• 80 Plus™ Platinum
Generic PFC converters
Description
The HiperPFS™-5 family of advanced power factor correction ICs
leverages the low switching losses of the 750 V PowiGaN switch to
optimize efficiency. The high integration level and novel control
algorithm minimize system footprint by reducing overall component
count and inductor size. Packaged in the low profile, surface mount
InSOP-T28F, the device dissipates heat directly to the PCB substrate,
eliminating the need for bulky heat sinks. Robust HiperPFS-5 devices
operate from low-line to 305 VAC with over 80% de-rating.
This Product is Covered by Patents and/or Pending Patent Applications.
Figure 1. Typical Application Circuit.
+
PI-9302b-111821
AC
IN
X Capacitor
DC
OUT
REF
FB
PS PGT
VS
V
XD1
XD2
S
D
VCC
PG
G
C
CONTROL
HiperPFS-5
VDR
Figure 2. InSOP-T28F Package.
Output Power Table
Universal Input Devices
Product1,3
Maximum Continuous Output Power at 90 VAC
PFS5173F
77 W
PFS5174F
115 W
PFS5274F2
115 W
PFS5175F
130 W
PFS5275F2
130 W
PFS5176F
165 W
PFS5276F2
165 W
PFS5177F
185 W
PFS5178F
240 W
Table 1.
Output Power Table.
Notes:
1. Maximum output power is dependent on the design. With condition that
package temperature < 125 ºC.
2. Non self-biasing version - optimized for USB PD charger applications.
3. Package: InSOP-T28F.


Similar Part No. - PFS5174F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFS5000 WTE-PFS5000 Datasheet
32Kb / 2P
50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5000G WTE-PFS5000G Datasheet
41Kb / 2P
50A GLASS PASSIVATED 1/2” RUGGED LEAD PRESS-FIT DIODE
October, 2018
PFS5001 WTE-PFS5001 Datasheet
32Kb / 2P
50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5001G WTE-PFS5001G Datasheet
41Kb / 2P
50A GLASS PASSIVATED 1/2” RUGGED LEAD PRESS-FIT DIODE
October, 2018
PFS5002 WTE-PFS5002 Datasheet
32Kb / 2P
50A 1/2 RUGGED LEAD PRESS-FIT DIODE
More results

Similar Description - PFS5174F

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PFS704 POWERINT-PFS704 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
PFS7323 POWERINT-PFS7323 Datasheet
4Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
logo
Texas Instruments
UCC28064 TI1-UCC28064 Datasheet
1Mb / 49P
Natural Interleaving Transition-Mode PFC Controller with Improved Light-Load Efficiency
UCC28064A TI1-UCC28064A Datasheet
4Mb / 57P
Natural Interleaving Transition-Mode PFC Controller with High Light-Load Efficiency
logo
Princeton Technology Co...
RS2330 PTC-RS2330 Datasheet
260Kb / 4P
THD Optimized CRM PFC Controller
logo
Power Integrations, Inc...
INN4072C POWERINT-INN4072C Datasheet
2Mb / 36P
Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
August 2022
MIN1072M POWERINT-MIN1072M Datasheet
1Mb / 14P
Bulk Capacitor Miniaturization and Inrush Management IC With 750 V PowiGaN for Very High Power Density AC/DC Converters
May 2022
PFS7523 POWERINT-PFS7523 Datasheet
3Mb / 36P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
June 2015
PFS7623C POWERINT-PFS7623C Datasheet
4Mb / 38P
PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
August 2020
logo
Texas Instruments
UCC25660 TI-UCC25660 Datasheet
2Mb / 64P
UCC25660 750-kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com