Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS5178F Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # PFS5178F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5178F Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button PFS5178F Datasheet HTML 16Page - Power Integrations, Inc. PFS5178F Datasheet HTML 17Page - Power Integrations, Inc. PFS5178F Datasheet HTML 18Page - Power Integrations, Inc. PFS5178F Datasheet HTML 19Page - Power Integrations, Inc. PFS5178F Datasheet HTML 20Page - Power Integrations, Inc. PFS5178F Datasheet HTML 21Page - Power Integrations, Inc. PFS5178F Datasheet HTML 22Page - Power Integrations, Inc. PFS5178F Datasheet HTML 23Page - Power Integrations, Inc. PFS5178F Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Rev. C 03/22
20
PFS5173-5178/5274
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
J = -40 to +125 °C
(See Note C)
Min
Typ
Max
Units
PowiGaN Cascode
On-State Resistance
R
DS(ON)
I
D = 0.5 X
I
OCP
See Note 1
PFS5x73F
T
J(M) = 25 °C
0.51
Ω
T
J(M) = 100 °C
0.82
PFS5x74F
T
J(M) = 25 °C
0.30
T
J(M) = 100 °C
0.48
PFS5x75F
T
J(M) = 25 °C
0.23
T
J(M) = 100 °C
0.36
PFS5x76F
T
J(M) = 25 °C
0.17
T
J(M) = 100 °C
0.26
PFS5x77F
T
J(M) = 25 °C
0.14
T
J(M) = 100 °C
0.22
PFS5x78F
T
J(M) = 25 °C
0.11
T
J(M) = 100 °C
0.18
Charge Effective
Output Capacitance
C
OSS(CH)
T
J = 25 °C
V
GS = 0 V,
V
DS = 0 to 400 V
PFS5x73F
26.1
pF
PFS5x74F
39.5
PFS5x75F
51.3
PFS5x76F
67.1
PFS5x77F
89.5
PFS5x78F
123
Energy Effective
Output Capacitance
C
OSS(EN)
T
J = 25 °C
V
GS = 0 V,
V
DS = 0 to 400 V
PFS517xF
18.1
pF
PFS5x74F
26.4
PFS5x75F
35.6
PFS5x76F
46.4
PFS5x77F
62.4
PFS5x78F
92.5
Off-State Drain Current
Leakage
I
DSS
T
J = 1 00 °C
V
DS = 80%
V
CC = 12 V
V
FB = VV = VC = 0
PFS517xF
PFS527xF
100
µ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com