Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS7628C Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # PFS7628C
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7628C Datasheet(HTML) 1 Page - Power Integrations, Inc.

  PFS7628C Datasheet HTML 1Page - Power Integrations, Inc. PFS7628C Datasheet HTML 2Page - Power Integrations, Inc. PFS7628C Datasheet HTML 3Page - Power Integrations, Inc. PFS7628C Datasheet HTML 4Page - Power Integrations, Inc. PFS7628C Datasheet HTML 5Page - Power Integrations, Inc. PFS7628C Datasheet HTML 6Page - Power Integrations, Inc. PFS7628C Datasheet HTML 7Page - Power Integrations, Inc. PFS7628C Datasheet HTML 8Page - Power Integrations, Inc. PFS7628C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
HiperPFS-4 Family
www.power.com
August 2020
PFC Controller with Integrated 600 V MOSFET and Diode Option
Optimized for High PF and Efficiency Across Load Range
Key Benefits
• High efficiency and power factor across load range
• >95% efficiency from 10% load to 100% load
• <60 mW no-load consumption at 230 VAC
• PF >0.95 achievable at 20% load for H and L packages
• Programmable Power Good (PG) signal
• Digital line peak detection for robust performance even with
distorted input voltage from UPS or generators
• Digital power factor enhancer compensates for EMI filter and bridge
distortion
• Spread-spectrum across >60 kHz window simplifies EMI filtering
• Protection features include: UVLO, UV, OV, OTP, brown-in/out, cycle-
by-cycle current limit and power limiting for overload protection
• Withstands 305 VAC steady-state and 410 VAC abnormal input
• Eliminates insulating pad/heat-spreader
Applications
• PC
High-power adaptors
• Printer
High-power LED lighting
• LCD TV
Industrial and appliance
• Video game consoles
Generic PFC converters
• 80 Plus™ Platinum
designs
Figure 1a. Typical Application Schematic without Integrated Diode
.
Figure 1b. Typical Application Schematic with Integrated Diode
.
This Product is Covered by Patents and/or Pending Patent Applications.
PI-7965-100318
AC
IN
DC
OUT
+
S
D
C
PGT
FB
VCC
PG
REF
G
V
CONTROL
HiperPFS-4
VCC
Figure 2. Package Options.
Body Dimensions: 10.8 mm x 9.4 mm for C Package and
16.53 mm x 8.25 mm for H & L Packages.
eSIP-16D (H Package)
InSOP-24B (C Package)
eSIP-16G (L Package)
+
CONTROL
PI-7224a-042720
AC
IN
DC
OUT
S
C
PGT
FB
VCC
PG
K
D
REF
G
V
HiperPFS-4
VCC


Similar Part No. - PFS7628C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PFS762HG POWERINT-PFS762HG Datasheet
4Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
More results

Similar Description - PFS7628C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6333 INTERSIL-ISL6333 Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
October 8, 2010
logo
Power Integrations, Inc...
PFS704 POWERINT-PFS704 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
PFS7323 POWERINT-PFS7323 Datasheet
4Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
logo
Intersil Corporation
ISL6333CRZ INTERSIL-ISL6333CRZ Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
October 8, 2010
logo
Renesas Technology Corp
ISL6333 RENESAS-ISL6333 Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
logo
Texas Instruments
UCC28064A TI1-UCC28064A Datasheet
4Mb / 57P
Natural Interleaving Transition-Mode PFC Controller with High Light-Load Efficiency
logo
Power Integrations, Inc...
PFS5173F POWERINT-PFS5173F Datasheet
1Mb / 25P
PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
March 2022
PFS7323 POWERINT-PFS7323_V01 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
PFS7523 POWERINT-PFS7523 Datasheet
3Mb / 36P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
June 2015
logo
Texas Instruments
UCC25660 TI-UCC25660 Datasheet
2Mb / 64P
UCC25660 750-kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com