Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS7325H Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # PFS7325H
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7325H Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button PFS7325H Datasheet HTML 13Page - Power Integrations, Inc. PFS7325H Datasheet HTML 14Page - Power Integrations, Inc. PFS7325H Datasheet HTML 15Page - Power Integrations, Inc. PFS7325H Datasheet HTML 16Page - Power Integrations, Inc. PFS7325H Datasheet HTML 17Page - Power Integrations, Inc. PFS7325H Datasheet HTML 18Page - Power Integrations, Inc. PFS7325H Datasheet HTML 19Page - Power Integrations, Inc. PFS7325H Datasheet HTML 20Page - Power Integrations, Inc. PFS7325H Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Rev. D 06/15
17
PFS7323-7329
www.power.com
PCB Design Guidelines and Design Example
The line-sense network and the feedback circuit use large
resistance values in order to minimize power dissipation in the
feedback network and the line-sense network. Care should be
taken to place the feedback circuit and the line-sense network
components away from the high-voltage and high current
nodes to minimize any interference. Any noise injected in the
feedback network or the line-sense network will typically
manifest as degradation of power factor. Excessive noise
injection can lead to waveform instability or dissymmetry.
The EMI filter components should be clustered together to improve
filter effectiveness. The placement of the EMI filter components
on the circuit board should be such that the input circuit is
located away from the drain node of the, or the PFC inductor.
A filter or decoupling capacitor should be placed at the output
of the bridge rectifier. This capacitor together with the X capa-
Figure 19. PCB Layout Example for System Power Supply Consisting of a PFC and a Second Stage Converter.
citance in the EMI filter and the differential inductance of the
EMI filter section and the source impedance, works as a filter
to reduce the switching frequency current ripple in the input
current. This capacitor also helps to minimize the loop area of
the switching frequency current loop thereby reducing EMI.
The connection between the HiperPFS-2 drain node, output
diode drain terminal and the PFC inductor should be kept as
small as possible.
A low-loss ceramic dielectric capacitor should be connected
between the cathode of the PFC output diode and the source
terminal of the HiperPFS-2. This ensures that the loop area of
the loop carrying high frequency currents at the transition of
switch-off of the MOSFET is small and helps to reduce radiated
EMI due to high frequency pulsating nature of the diode current
traversing through the loop.
PFC
Output
EMI Filter
Thermistor
Shorting Relay
Bridge
Rectier
PFC
Inductor
HiperPFS
Auxiliary Supply for PFC –
from Standby Power Supply
Input
Capacitor
PFC Output
Capacitor
PI-7010-042313
AC Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com