Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP243Y Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # TOP243Y
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP243Y Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button TOP243Y Datasheet HTML 16Page - Power Integrations, Inc. TOP243Y Datasheet HTML 17Page - Power Integrations, Inc. TOP243Y Datasheet HTML 18Page - Power Integrations, Inc. TOP243Y Datasheet HTML 19Page - Power Integrations, Inc. TOP243Y Datasheet HTML 20Page - Power Integrations, Inc. TOP243Y Datasheet HTML 21Page - Power Integrations, Inc. TOP243Y Datasheet HTML 22Page - Power Integrations, Inc. TOP243Y Datasheet HTML 23Page - Power Integrations, Inc. TOP243Y Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Rev. R 10/20
20
TOP242-250
www.power.com
Figure 41. 30 W Power Supply using External Current Limit Programming and Line Sensing for UV and OV.
12 V @
2.5 A
D2
1N4148
T1
C5
47
µF
10 V
U2
LTV817A
VR2
1N5240C
10 V, 2%
R6
150
Ω
R15
150
Ω
C14
1 nF
D1
UF4005
R3
68 k
Ω
2 W
C3
4.7 nF
1 kV
CY1
2.2 nF
U1
TOP244Y
DL
SX
F
C
R8
150
Ω
C1
68
µF
400 V
C6
0.1
µF
D8
MBR1060
C10
560
µF
35 V
C12
220
µF
35 V
C11
560
µF
35 V
RTN
R5
6.8
Ω
R1
4.7 M
Ω
1/2 W
R4
2 M
Ω
1/2 W
R2
9.09 k
Ω
PI-2657-081204
L3
3.3
µH
BR1
600 V
2A
F1
3.15 A
J1
L1
20 mH
L
N
CX1
100 nF
250 VAC
CONTROL
CONTROL
TOPSwitch-GX
PERFORMANCE SUMMARY
Output Power:
30 W
Regulation:
± 4%
Efficiency:
≥ 79%
Ripple:
≤ 50 mV pk-pk
Application Examples
A High Efficiency, 30 W, Universal Input Power Supply
The circuit shown in Figure 41 takes advantage of several
of the TOPSwitch-GX features to reduce system cost and
power supply size and to improve efficiency. This design
delivers 30 W at 12 V, from an 85 VAC to 265 VAC input,
at an ambient of 50
°C, in an open frame configuration.
A nominal efficiency of 80% at full load is achieved using
TOP244Y.
The current limit is externally set by resistors R1 and R2
to a value just above the low line operating peak DRAIN
current of approximately 70% of the default current limit.
This allows use of a smaller transformer core size and/or
higher transformer primary inductance for a given output
power, reducing TOPSwitch-GX power dissipation, while
at the same time avoiding transformer core saturation
during start-up and output transient conditions. The
resistors R1 & R2 provide a signal that reduces the current
limit with increasing line voltage, which in turn limits the
maximum overload power at high input line voltage. This
function in combination with the built-in soft-start feature
of TOPSwitch-GX, allows the use of a low cost RCD clamp
(R3, C3 and D1) with a higher reflected voltage, by safely
limiting the TOPSwitch-GX drain voltage, with adequate
margin under worst case conditions. Resistor R4
provides line sensing, setting UV at 100 VDC and OV at
450 VDC. The extended maximum duty cycle feature of
TOPSwitch-GX (guaranteed minimum value of 75% vs.
64% for TOPSwitch-II) allows the use of a smaller input
capacitor (C1). The extended maximum duty cycle and
the higher reflected voltage possible with the RCD clamp
also permit the use of a higher primary to secondary
turns ratio for T1, which reduces the peak reverse voltage
experienced by the secondary rectifier D8. As a result
a 60 V Schottky rectifier can be used for up to 15 V
outputs, which greatly improves power supply efficiency.
The frequency reduction feature of the TOPSwitch-GX
eliminates the need for any dummy loading for regulation
at no load and reduces the no-load/standby consumption
of the power supply. Frequency jitter provides improved
margin for conducted EMI, meeting the CISPR 22 (FCC B)
specification.
Output regulation is achieved by using a simple Zener
sense circuit for low cost. The output voltage is determined
by the Zener diode (VR2) voltage and the voltage drops
across the optocoupler (U2) LED and resistor R6. Resistor
R8 provides bias current to Zener VR2 for typical regulation
of ±5% at the 12 V output level, over line and load and
component variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com