Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMMT591A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMMT591A
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMMT591A Datasheet(HTML) 1 Page - Continental Device India Limited

  CMMT591A Datasheet HTML 1Page - Continental Device India Limited CMMT591A Datasheet HTML 2Page - Continental Device India Limited CMMT591A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CMMT591A
SOT-23
MARKING: 59A
Complementary CMMT491A
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
40
V
Collector -Emitter Voltage
VCEO
40
V
Emitter Base Voltage
VEBO
5.0
V
Peak Pulse Current
ICM
2.0
A
Collector Current Continuous
IC
1.0
A
Base Current
IB
200
mA
Power Dissipation @Tamb=25 deg C
Ptot
500
mW
Operating & Storage Temperature Range
Tj, Tstg
-55 to +150
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C )
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector -Base Voltage
VCBO
IC=100uA, IE=0
40
-
V
Collector -Emitter Voltage
VCEO
IC=10mA, IB=0
40
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
5.0
-
V
Collector Cut off Current
ICBO
VCB=30V, IE=0
-
100
nA
Emitter Cut off Current
IEBO
VEB=4V, IC=0
-
100
nA
Collector-Emitter Cut off Current
ICES
VCE=30V, VBE=0
-
100
nA
Collector Emitter Saturation Voltage
VCE(Sat)* IC=100mA,IB=1mA
-
0.20
V
IC=500mA,IB=20mA
-
0.35
V
IC=1A, IB=100mA
-
0.50
V
Base Emitter Saturation Voltage
VBE(Sat)* IC=1A, IB=50mA
-
1.1
V
Base Emitter on Voltage
VBE(on)*
IC=1A, VCE=5V
-
1.0
V
DC Current Gain
hFE
IC=1mA,VCE=5V
300
-
IC=100mA,VCE=5V*
300
800
IC=500mA,VCE=5V*
250
-
IC=1A, VCE=5V*
160
-
IC=2A, VCE=5V*
30
-
Dynamic Characteristics
Transition Frequency
ft
VCE=10V,IC=50mA,
150
-
MHz
f=100MHz
Output Capacitance
Cobo
VCB=10V, IE=0
-
10
pF
f=1MHz
*Pulsed Conditions pulse width=300us, Duty Cycle=2%
PIN CONFIGURATION (PNP)
1 = BASE
2 = EMITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMMT591A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Rectron Semiconductor
CMMT591 RECTRON-CMMT591 Datasheet
27Kb / 2P
SOT-23 - Power Transistor and Darlingtons
More results

Similar Description - CMMT591A

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com