Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSA733 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CSA733
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA733 Datasheet(HTML) 3 Page - Continental Device India Limited

  CSA733 Datasheet HTML 1Page - Continental Device India Limited CSA733 Datasheet HTML 2Page - Continental Device India Limited CSA733 Datasheet HTML 3Page - Continental Device India Limited CSA733 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 3 of 4
CSA733
Base Emitter On Voltage
VCE = –6V
DC Current Gain
V
BE (V), Base-Emitter Voltage
I
C (mA), Collector Current
Current Gain-Bandwidth Product
IC (mA), Collector Current
Base-Emitter Saturation Voltage
Collector-Emitter
Saturation
Voltage
I
C (mA), Collector Current
VCE(sat)
VCE=–6V
VBE(sat)
500
300
100
50
30
10
5
3
1
1000
–0.1
VCE=–6V
IC=10IB
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com