Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG55596AV Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # SLG55596AV
Description  USB Host Charger Identification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55596AV Datasheet(HTML) 5 Page - Renesas Technology Corp

  SLG55596AV Datasheet HTML 1Page - Renesas Technology Corp SLG55596AV Datasheet HTML 2Page - Renesas Technology Corp SLG55596AV Datasheet HTML 3Page - Renesas Technology Corp SLG55596AV Datasheet HTML 4Page - Renesas Technology Corp SLG55596AV Datasheet HTML 5Page - Renesas Technology Corp SLG55596AV Datasheet HTML 6Page - Renesas Technology Corp SLG55596AV Datasheet HTML 7Page - Renesas Technology Corp SLG55596AV Datasheet HTML 8Page - Renesas Technology Corp SLG55596AV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Datasheet
8-Feb-2022
CFR0011-120-01
Revision 1.02
Page 5 of 10
SLG55596AV
USB Host Charger Identification
©2022 Renesas Electronics Corporation
Electrical Characteristics - Internal Resistors
Electrical Characteristics - Logic Input CB
Electrical Characteristics - Logic Input SMART-CDP
Electrical Characteristics - CEN Outputs
Electrical Characteristics - ESD Protection
VDD = 4.5 V to 5.5 V, TA = 25 °C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
RPD
DP/DM Short Pull-down
350
500
700
kΩ
RTRP
RP1/RP2 Ratio
0.8544
0.863
0.872
Ratio
RRP
RP1 + RP2 Resistance
69.75
93.0
115.18
kΩ
RTRM
RM1/RM2 Ratio
0.8544
0.863
0.872
Ratio
RRM
RM1 + RM2 Resistance
69.75
93.0
115.18
kΩ
VDD = 4.5 V to 5.5 V, TA = 25 °C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
VIH
CB Input Logic High
1.4
--
--
V
VIL
CB Input Logic Low
--
--
0.4
V
IIN
CB Input Leakage Current
VDD = 5.5 V
0
≤ V
CB ≤ VIL or VIH ≤ VCB ≤ VDD
-1
--
1
µA
VDD = 4.5 V to 5.5 V, TA = 25 °C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
VIH
SMART-CDP input Logic High
3.0
--
--
V
VIL
SMART-CDP input Logic Low
--
--
0.8
V
IIN
SMART-CDP Input Leakage Current
VDD = 5.5V
0 V < VSMART-CDP < VIL or
VIH < VSMART-CDP < VDD
-1
--
1
µA
VDD = 4.5 V to 5.5 V, TA = 25 °C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
TVBT
VBUS Toggle Time
CB = Logic 0 to Logic 1 or
Logic 1 to Logic 0
1.5
2.0
2.5
s
VOL_CEN
CEN Output Logic Low Voltage
CB = Logic 0 to Logic 1
ISINK = 2 mA
--
--
0.4V
V
IOUT_CEN
CEN Output Leakage Current
VDD = 5.5 V
VCEN = 5.5 V or CEN deasserted
--
--
1
µA
VDD = 4.5 V to 5.5 V, TA = 25 °C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
VESD
ESD Protection Level
(DP and DM Only)
Human Body Model
--
±8
--
kV
VESD
ESD Protection Level
(All other pins)
Human Body Model
--
±2
--
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com