Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLGC55545V Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLGC55545V
Description  USB Charging Port Power Switch and Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLGC55545V Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLGC55545V Datasheet HTML 1Page - Renesas Technology Corp SLGC55545V Datasheet HTML 2Page - Renesas Technology Corp SLGC55545V Datasheet HTML 3Page - Renesas Technology Corp SLGC55545V Datasheet HTML 4Page - Renesas Technology Corp SLGC55545V Datasheet HTML 5Page - Renesas Technology Corp SLGC55545V Datasheet HTML 6Page - Renesas Technology Corp SLGC55545V Datasheet HTML 7Page - Renesas Technology Corp SLGC55545V Datasheet HTML 8Page - Renesas Technology Corp SLGC55545V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Datasheet
8-Feb-2022
CFR0011-120-01
Revision 1.04
Page 2 of 18
SLGC55545V
USB Charging Port Power Switch and Controller
©2022 Renesas Electronics Corporation
Pin Description
Ordering Information
Pin #
Pin Name
Type
Pin Description
1
VIN
PWR
Input voltage, connect a 0.1
µF or greater ceramic capacitor from IN to GND as close
to the device as possible
2
DM_OUT
Input/Output
D- data line to USB host controller
3
DP_OUT
Input/Output
D+ data line to USB host controller
4
ILIM_SEL
Input
Logic level input signal used to dynamically change power switch current-limit
threshold; logic LOW selects ILIM_L, logic HIGH selects ILIM_H
5
EN
Input
Logic level control input for turning the power switch and the signal switches on/off.
When EN is LOW, the device is disabled, the signal and power switches are OFF.
6
CTL1
Input
Logic level control inputs for controlling the charging mode and the signal switches.
The “000” configuration is used to force and discharge of the output (VOUT)
capacitor.
7
CTL2
Input
8
CTL3
Input
9
STATUS#
Output
Active Low open drain output, asserted while charge limit occur by Power Wake or
Port Power Management functions.
10
DP_IN
Input/Output
D+ data line to connector, input/output used for hand-shaking with portable
equipment
11
DM_IN
Input/Output
D- data line to connector, input/output used for hand-shaking with portable equipment
12
VOUT
PWR
Power switch output
13
FAULT#
Output
Active low open drain output, asserted during over-temperature or current-limit
conditions
14
GND
GND
Ground
15
ILIM_L
Input
External resistor used to set current-limit threshold when ILIM_SEL is LOW. See
current limit setting in detailed description.
16
ILIM_H
Input
External resistor used to set current-limit threshold when ILIM_SEL is HIGH. See
current limit setting in detailed description.
--
Thermal Pad
GND
Ground
Part Number
Type
Production Flow
SLGC55545V
TQFN-16
Industrial, -40
°C to 85 °C
SLGC55545VTR
TQFN-16 - Tape and Reel
Industrial, -40
°C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com