Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5064 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2N5064
Description  Thyristor sensitive gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N5064 Datasheet(HTML) 2 Page - NXP Semiconductors

  2N5064 Datasheet HTML 1Page - NXP Semiconductors 2N5064 Datasheet HTML 2Page - NXP Semiconductors 2N5064 Datasheet HTML 3Page - NXP Semiconductors 2N5064 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Philips Semiconductors
Product specification
Thyristor
2N5064
sensitive gate
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-c
Thermal resistance
see note:
1
-
-
75
K/W
junction to case
R
th j-a
Thermal resistance
-
200
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
c = 25 ˚C, RGK = 1 kΩ unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
GT
Gate trigger current
T
c = 25 ˚C
-
-
200
µA
T
c = -65 ˚C
-
-
350
µA
V
D = VDRM(max); RL = 100 Ω; gate open
circuit
I
L
Latching current
V
D = 12 V; RGK = 1 kΩ
--
6
mA
I
H
Holding current
V
D = 12 V; RGK = 1 kΩ
--
5
mA
V
T
On-state voltage
I
T = 1.2 A peak; tp = 300 µs; δ ≤ 0.01
-
-
1.7
V
V
GT
Gate trigger voltage
T
j = 25 ˚C
-
-
0.8
V
T
j = -65 ˚C
-
-
1.2
V
T
j = 125 ˚C
0.1
-
-
V
V
D = VDRM(max); RL = 100 Ω; gate open
circuit
I
D, IR
Off-state leakage current
V
D = VDRM(max); VR = VRRM(max)
T
j = 25 ˚C
-
-
10
µA
T
j = 125 ˚C
-
-
50
µA
DYNAMIC CHARACTERISTICS
T
c = 25 ˚C, RGK = 1 kΩ unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max); Tj = 125 ˚C;
-
25
-
V/
µs
off-state voltage
exponential waveform; R
GK = 1 kΩ
t
gt
Gate controlled turn-on
I
TM = 2 A; VD = VDRM(max); IG = 10 mA;
-
2
-
µs
time
dI
G/dt = 0.1 A/µs
t
q
Circuit commutated
V
DM = 67% VDRM(max); Tj = 125 ˚C;
-
100
-
µs
turn-off time
I
TM = 1.6 A; VR = 35 V; dITM/dt = 30 A/µs;
dV
D/dt = 2 V/µs; RGK = 1 kΩ
1 This measurement is made with the case mounted "flat side down" on a heatsink and held in position by means of
a metal clamp over the curved surface.
October 1997
2
Rev 1.200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com