Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPTH10-TR Datasheet(PDF) 5 Page - Central Semiconductor Corp

Part # CMPTH10-TR
Description  NPN - RF Transistor Die 50mA, 25 Volt
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTH10-TR Datasheet(HTML) 5 Page - Central Semiconductor Corp

  CMPTH10-TR Datasheet HTML 1Page - Central Semiconductor Corp CMPTH10-TR Datasheet HTML 2Page - Central Semiconductor Corp CMPTH10-TR Datasheet HTML 3Page - Central Semiconductor Corp CMPTH10-TR Datasheet HTML 4Page - Central Semiconductor Corp CMPTH10-TR Datasheet HTML 5Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PDN01112
1/18/19
7/18/19
http://www.centralsemi.com
1/18/20
Summary:The CP302 RF Transistor wafer process is discontinued and is now classified as End of Life (EOL).
Although Central Semiconductor Corp. makes every effort to continue to produce devices that have been proclaimed EOL (End of Life) by
other manufacturers, it is an accepted industry practice to discontinue certain devices when customer demand falls below a minimum level of
sustainability. Accordingly, the following product(s) have been transitioned to End of Life status as part of Central's ongoing Product
Management Process. Any replacement products are noted below. The effective date for placing last purchase orders will be six (6) months
from the date of this notice and twelve (12) months from the notice date for final shipments, and minimum order quantities may apply.
The last purchase and shipment dates may be extended if inventory is available.
Central Part Number
Replacement
CEN1107
N/A, Stock Only
CEN1107 APM
N/A, Stock Only
CMPTH10 BK
N/A, Stock Only
CMPTH10 TR
N/A, Stock Only
CP302-MPSH10-CT
N/A, Stock Only
CP302-MPSH10-CT20
N/A, Stock Only
CP302-MPSH10-WN
N/A, Stock Only
MPSH10
N/A, Stock Only
Central would be happy to assist you by providing additional information or technical data to help locate an alternate source if we
have no replacement available. Please email your requests to engineering@centralsemi.com.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com