Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138AML Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix 138AML Datasheet HTML 10Page - Vishay Siliconix 138AML Datasheet HTML 11Page - Vishay Siliconix 138AML Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
138 AML
www.vishay.com
Vishay BCcomponents
Revision: 27-Mar-2020
10
Document Number: 28332
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Table 5
Note
• Multiplier of useful life code: CCC206
Fig. 19 - Multiplier of useful life as a function of ambient temperature and ripple current load
ENDURANCE TEST DURATION AND USEFUL LIFE
NOMINAL CASE SIZE
Ø D x L
(mm)
ENDURANCE
AT 105 °C
(h)
USEFUL LIFE
AT 105 °C
(h)
6.3 x 12.7
1000
2000
7.7 x 12.7
1000
2000
6.5 x 18
1000
2000
8 x 18
1000
2000
10 x 18
1000
2000
10 x 25
1000
2000
10 x 30
5000
10 000
12.5 x 30
5000
10 000
15 x 30
5000
10 000
18 x 30
5000
10 000
18 x 38
5000
10 000
21 x 38
5000
10 000
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
CCC206
Lifetime multiplier
(1)
T
amb (°C)
IA
IR
I
A = Actual ripple current at 100 Hz
I
R = Rated ripple current at 100 Hz, 105 °C
(1) Useful life at 105 °C and I
R applied:
Case Ø D x L = 6.3 mm x 12.7 mm to 10 mm x 25 mm: 2000 h
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm: 10 000 h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com