Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

152CME Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 152CME
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152CME Datasheet(HTML) 2 Page - Vishay Siliconix

  152CME Datasheet HTML 1Page - Vishay Siliconix 152CME Datasheet HTML 2Page - Vishay Siliconix 152CME Datasheet HTML 3Page - Vishay Siliconix 152CME Datasheet HTML 4Page - Vishay Siliconix 152CME Datasheet HTML 5Page - Vishay Siliconix 152CME Datasheet HTML 6Page - Vishay Siliconix 152CME Datasheet HTML 7Page - Vishay Siliconix 152CME Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
152 CME
www.vishay.com
Vishay BCcomponents
Revision: 05-Nov-2019
2
Document Number: 28459
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Dimensional outline
Table 1
Table 2
Note
• Detailed tape dimensions see section “PACKAGING”
DIMENSIONS in millimeters AND MASS
NOMINAL
CASE SIZE
L x W x H
CASE
CODE
LMAX.
WMAX.
HMAX.
Ø D
BMAX.
SL1MAX.
MASS
(g)
10 x 10 x 10
1010
10.5
10.5
10.5
10.0
1.0
3.5
12.1
 1.3
12.5 x 12.5 x 13
1213
12.9
12.9
14.0
12.5
1.3
3.6
14.9
 2.6
12.5 x 12.5 x 16
1216
12.9
12.9
16.5
12.5
1.3
3.6
14.9
 2.8
16 x 16 x 16
1616
16.6
16.6
17.5
16.0
1.3
6.5
18.6
 5.5
16 x 16 x 21
1621
16.6
16.6
22.0
16.0
1.3
6.5
18.6
 6.0
18 x 18 x 16
1816
19.0
19.0
17.5
18.0
1.3
6.5
21.0
 8.0
18 x 18 x 21
1821
19.0
19.0
22.0
18.0
1.3
6.5
21.0
 8.3
TAPE AND REEL DIMENSIONS in millimeters, PACKAGING QUANTITIES
NOMINAL
CASE SIZE
L x W x H
CASE
CODE
PITCH
P1
TAPE WIDTH
W
TAPE
THICKNESS
T2
REEL DIAMETER
PACKAGING
QUANTITY
PER REEL
10 x 10 x 10
1010
16
24
11.6
380
500
12.5 x 12.5 x 13
1213
20
24
16.2
380
250
12.5 x 12.5 x 16
1216
24
32
18.5
380
200
16 x 16 x 16
1616
28
44
18.9
380
150
16 x 16 x 21
1621
28
44
23.4
380
100
18 x 18 x 16
1816
32
44
18.9
380
125
18 x 18 x 21
1821
32
44
23.4
380
100
2-pin:
W
MAX.
W
MAX.
S
L
MAX.
L
MAX.
L1
MAX.
L
MAX.
B
H
MAX.
MAX. 0.3
D
4-pin:
H
MAX.
D
S
B
≤ Ø 10 mm
Ø 12.5 mm
MAX. 0.3
W
MAX.
H
MAX.
D
6-pin:
≥ Ø 16 mm
S
B
MAX. 0.3
L1
MAX.
L1
MAX.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com