Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZ1W10 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CZ1W10
Description  SURFACE MOUNT ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CZ1W10 Datasheet(HTML) 1 Page - Continental Device India Limited

  CZ1W10 Datasheet HTML 1Page - Continental Device India Limited CZ1W10 Datasheet HTML 2Page - Continental Device India Limited CZ1W10 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT ZENER DIODES
CZ1W 4.7 to 47V
(Equivalent to 1W 1N47XX Series)
SOT-23
ABSOLUTE MAXIMUM RATINGS (Ta=25 deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Working Voltage Range
VZ
4.7- 47V
V
Working Voltage Tolerance
+/- 5
%
Power Dissipation
Ptot
600
mW
Operating & Storage Junction
Tj,Tstg
-55 to +150
deg C
Temperature Range
Thermal Resistance
Junction to Ambient#
Rth j-a
430
K/W
Junction to Ambient##
Rth j-a
500
K/W
ELECTRICAL CHARACTERISTICS(Ta=25 deg C Unless otherwise Specified)
VF<1.5V @ 200mA
CZ1W
Working Voltage
Differential
Temp
MARKING
4.7- 47V
Resistance
IR
Coeff of
VZ(V) $
(mA)
rdiff(ohms)
Zener Voltage
(IZ)
(min)
(max)
(IZT)
(max)
(uA)
(V)
(TYP)
(max)
(mA)
CZ1W 4.7
4.4
- 5.0
53
8.0
10
1.0
- 0.01
500
1.0
4Z7
CZ1W 5.1
4.8
- 5.4
49
7.0
10
1.0
0.01
550
1.0
5Z1
CZ1W 5.6
5.2
- 6.0
45
5.0
10
2.0
0.03
600
1.0
5Z6
CZ1W 6.2
5.8
- 6.6
41
2.0
10
3.0
0.04
700
1.0
6Z2
CZ1W 6.8
6.4
- 7.2
37
3.5
10
4.0
0.05
700
1.0
6Z8
CZ1W 7.5
7.0
- 7.9
34
4.0
10
5.0
0.05
700
0.5
7Z5
CZ1W 8.2
7.7
- 8.7
31
4.5
10
6.0
0.06
700
0.5
8Z2
CZ1W 9.1
8.5
- 9.6
28
5.0
10
7.0
0.06
700
0.5
9Z1
CZ1W 10
9.4
- 10.6
25
7.0
10
7.6
0.07
700
0.25
10Z
CZ1W 11
10.4 - 11.6
23
8.0
5.0
8.4
0.07
700
0.25
11Z
CZ1W 12
11.4 - 12.7
21
9.0
5.0
9.1
0.07
700
0.25
12Z
CZ1W 13
12.4 - 14.1
19
10
5.0
9.9
0.07
700
0.25
13Z
CZ1W 15
13.8 - 15.6
17
14
5.0
11.4
0.08
700
0.25
15Z
CZ1W 16
15.3 - 17.1
15.5
16
5.0
12.2
0.08
700
0.25
16Z
CZ1W 18
16.8 - 19.1
14
20
5.0
13.7
0.08
750
0.25
18Z
CZ1W 20
18.8 - 21.2
12.5
22
5.0
15.2
0.08
750
0.25
20Z
CZ1W 22
20.8 - 23.3
11.5
23
5.0
16.7
0.08
750
0.25
22Z
CZ1W 24
22.8 - 25.6
10.5
25
5.0
18.2
0.08
750
0.25
24Z
CZ1W 27
25.1 - 28.9
9.5
35
5.0
20.6
0.09
750
0.25
27Z
CZ1W 30
28.0 - 32.0
8.5
40
5.0
22.8
0.09
1000
0.25
30Z
CZ1W 33
31.0 - 35.0
7.5
45
5.0
25.1
0.09
1000
0.25
33Z
CZ1W 36
34.0 - 38.0
7,.0
50
5.0
27.4
0.09
1000
0.25
36Z
CZ1W 39
37.0 - 41.0
6.5
60
5.0
29.7
0.09
1000
0.25
39Z
CZ1W 43
40.0 - 46.0
6.0
70
5.0
32.7
0.09
1500
0.25
43Z
CZ1W 47
44.0 - 50.0
5.5
80
5.0
35.8
0.09
1500
0.25
47Z
#Device mounted on a cermic alumna.
##Device mounted on an FR5 printed circuit board
$Pulse Test 20ms=tp=50ms
Reverse Current
Differential
Resistance
rdiff(ohms)
Pin Configuration
1 =
2 = NC
3 =
ANODE
CATHODE
3
1
2
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CZ1W10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
Surface Mount Chip Terminations
CZ12010T0050G ETC2-CZ12010T0050G Datasheet
122Kb / 2P
Surface Mount Chip Terminations
CZ12010T0050G ETC2-CZ12010T0050G Datasheet
116Kb / 2P
Surface Mount Chip Terminations
CZ12010T0050G ETC2-CZ12010T0050G Datasheet
116Kb / 2P
Surface Mount Chip Terminations
CZ12010T0050G02 ETC2-CZ12010T0050G02 Datasheet
122Kb / 2P
Surface Mount Chip Terminations
More results

Similar Description - CZ1W10

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com