Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2N2907 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # P2N2907
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

P2N2907 Datasheet(HTML) 2 Page - Continental Device India Limited

  P2N2907 Datasheet HTML 1Page - Continental Device India Limited P2N2907 Datasheet HTML 2Page - Continental Device India Limited P2N2907 Datasheet HTML 3Page - Continental Device India Limited P2N2907 Datasheet HTML 4Page - Continental Device India Limited P2N2907 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
P2N2907
P2N2907A
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
P2N2907
P2N2907A
UNIT
IC=0.1mA, VCE=10V
>35
>75
IC=1mA, VCE=10V
>50
>100
IC=10mA, VCE=10V
>75
>100
IC=150mA, VCE=10V*
100 - 300
100 - 300
IC=500mA, VCE=10V*
>30
>50
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=50mA, VCE=20V,
f=100MHz
>200
>200
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
<8
<8
pF
Input Capacitance
Cib
VEB=2V, IC=0, f=1MHz
<30
<30
pF
SWITCHING CHARACTERISTICS
Delay Time
td
<10
<10
ns
Rise Time
tr
<40
<40
ns
Turn-on Time
ton
<50
<50
ns
Storage Time
ts
<80
<80
ns
Fall Time
tf
<30
<30
ns
Turn-off Time
toff
<110
<110
ns
* Pulse condition: Pulse Width < 300
µµs, Duty cycle < 1%
P2N2907_A Rev_1151204D
hFE
IC=150mA, IB1=15mA,
VCC=30V
IC=150mA, IB1=15mA,
IB2=15mA, VCC=6V
DC Current Gain
C B
E
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com