Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN_MASTER_VG05A Datasheet(PDF) 3 Page - Suzhou Maswell Communication Technology Co. Ltd

Part # AN_MASTER_VG05A
Description  MaswellBuilt-in 5G/4G LTE Ultra broadband Antenna Pocket Edition
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MASWELL [Suzhou Maswell Communication Technology Co. Ltd]
Direct Link  https://www.maswelltech.com/
Logo MASWELL - Suzhou Maswell Communication Technology Co. Ltd

AN_MASTER_VG05A Datasheet(HTML) 3 Page - Suzhou Maswell Communication Technology Co. Ltd

  AN_MASTER_VG05A Datasheet HTML 1Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_VG05A Datasheet HTML 2Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_VG05A Datasheet HTML 3Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_VG05A Datasheet HTML 4Page - Suzhou Maswell Communication Technology Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Measured Data
Suzhou maswell communication technology co. Ltd
Add:Floor 3, Building 6, No. 88 Zhenbei Road, High-tech District, Suzhou 215153, Jiangsu, China
Http ://www.maswelltech.com
E-mail:Sales@maswelltech.com
AN_Master_VG05A
Freq
Effi
(MHz)
(%)
600
33.66
620
56.6
640
65.58
660
65.24
680
61.99
700
64.35
720
57.02
740
50.48
760
33.11
780
30.41
800
34.04
820
23.96
840
16.69
860
21.33
880
30.01
900
40.98
920
46.6
940
28.01
960
15.45
980
10.01
1000
8.35
1020
4.18
1040
3.22
1060
2.91
1080
3.65
1100
3.84
1120
5.67
Freq
Effi
(MHz)
(%)
1160
12.89
1180
16.2
1200
24.22
1220
25.25
1240
32.42
1260
36.48
1280
42.67
1300
59.92
1320
64.49
1340
74.45
1360
77.6
1380
73.15
1400
71.63
1420
76.1
1440
79.81
1460
78.81
1480
78.2
1500
75.93
1520
78.48
1540
70.66
1560
78.32
1580
71.95
1600
70.09
1620
70.93
1640
73.09
1660
70.81
1680
61.35
Freq
Effi
(MHz)
(%)
1720
62.94
1740
63.51
1760
66.39
1780
74.95
1800
77.09
1820
76.07
1840
69.28
1860
69.78
1880
67.77
1900
73.5
1920
69.09
1940
79.95
1960
75.58
1980
76.35
2000
76.87
2020
83.89
2040
70.9
2060
72.34
2080
69.36
2100
71.82
2120
61.39
2140
62.12
2160
59.51
2180
61.59
2200
65.43
2220
63.4
2240
65.67
Freq
Effi
(MHz)
(%)
2280
62.6
2300
62.25
2320
65.15
2340
65.22
2360
69.13
2380
68.4
2400
73.39
2420
70.18
2440
71.14
2460
72.05
2480
71.45
2500
78.39
2520
75.61
2540
76.54
2560
78.25
2580
70.73
2600
71.74
2620
70.61
2640
75.4
2660
78.89
2680
73.36
2700
79.42
2720
77
2740
73.42
2760
78.21
2780
79.98
2800
78.74
2820
71.66
2840
79.02
2860
75.86
2880
77.25
2900
76.69
2920
79.44
2940
74.63
2960
73.05
2980
77.89
3000
70.25
Freq
Effi
(MHz)
(%)
3000
70.12
3100
73.25
3200
71.59
3300
77.55
3400
80.71
3500
69.82
3600
73.56
3700
71.27
3800
61.49
3900
69.99
4000
68.93
4100
76.04
4200
76.57
4300
72.21
4400
73.59
4500
62.57
4600
50.17
4700
51.09
4800
48.27
4900
56.86
5000
52.93
5100
58.28
5200
54.61
5300
55.39
5400
67.83
5500
65.16
5600
60.13
5700
65.06
5800
66.83
5900
62.78
6000
73.05
Maswell Built-in 5G/4G LTE Ultra broadband Antenna
Pocket Edition



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com