Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTZ24 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CTZ24
Description  HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CTZ24 Datasheet(HTML) 1 Page - Continental Device India Limited

  CTZ24 Datasheet HTML 1Page - Continental Device India Limited CTZ24 Datasheet HTML 2Page - Continental Device India Limited CTZ24 Datasheet HTML 3Page - Continental Device India Limited CTZ24 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CTZ 2.6 to 47
500mW
DO- 35
Glass Axial Package
FEATURES
These Zeners Are Best Suited For Industrial Purpose , Military & Space applications.
Hermetically Sealed Glass With Double Stud And Glass Passivated Chip Provides Excellent Stabililty and
Reliability.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Power Dissipation @TA=25ºC
PTA
500
mW
Surge Power Dissipation
PS
5W
tp=8.3mS
Junction Temperature
TJ
175
ºC
Storage Temperature
T
stg
-65 to+175
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE UNIT
Thermal Resistance
Rth(j-a)
0.3
ºC/mW
Junction Ambient
Forward Voltage
at IF=200mA
VF
1.5
V
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DEVICE
VZT @rZT @
IZT
rZK @IZK
Temp.
IR @VR
IZM
IZSM
IZT *IZT *
IZK *
Coeff.of
VR
MAX
MAX
Zener Voltage
MAX
MAX
typ
(V)
(
Ω)
(mA)
(
Ω)
(mA)
(%/ºC )
(
µA)
(V)
(mA)
(mA)
CTZ2.6
2.6
30
20
600
1
-0.085
75
1
147.8
CTZ2.7
2.7
30
20
600
1
-0.085
75
1
168.3
CTZ3.0
3.0
48
20
600
1
-0.075
20
1
148.5
1500
CTZ 3.3
3.3
44
20
600
1
-0.070
10
1
135
1375
CTZ 3.6
3.6
42
20
600
1
-0.065
5
1
126
1260
CTZ3.9
3.9
40
20
600
1
-0.060
5
1
115
1165
CTZ 4.3
4.3
36
20
600
1
-0.055
0.5
1
105
1060
CTZ 4.7
4.7
32
20
600
1
-0.043
10
2
95
965
CTZ 5.1
5.1
28
20
550
1
+/-0.030
5
2
87
890
CTZ 5.6
5.6
16
20
450
1
+/-0.028
10
3
80
810
CTZ 6.2
6.2
6
210
200
1
+0.045
10
4
72
730
CTZ 6.8
6.8
6
20
150
1
+0.050
5
5
65
665
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
CTZ2.6_47Rev081001


Similar Part No. - CTZ24

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CTZ55C CTC-CTZ55C Datasheet
277Kb / 6P
Silicon Planar Power Zener Diodes
CTZ55C2V0 CTC-CTZ55C2V0 Datasheet
277Kb / 6P
Silicon Planar Power Zener Diodes
CTZ55C2V2 CTC-CTZ55C2V2 Datasheet
277Kb / 6P
Silicon Planar Power Zener Diodes
CTZ55C2V4 CTC-CTZ55C2V4 Datasheet
277Kb / 6P
Silicon Planar Power Zener Diodes
CTZ55C2V7 CTC-CTZ55C2V7 Datasheet
277Kb / 6P
Silicon Planar Power Zener Diodes
More results

Similar Description - CTZ24

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD1N4148 CDIL-CD1N4148 Datasheet
95Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CT40 CDIL-CT40 Datasheet
163Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
TRANSYS Electronics Lim...
1N4148 TEL-1N4148 Datasheet
80Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
1N4448 TEL-1N4448 Datasheet
81Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES AXIAL LEAD
logo
SUNMATE electronic Co.,...
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
0.5A Axial Leaded High Speed Switching Diode
1SS130 SUNMATE-1SS130 Datasheet
154Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS132 SUNMATE-1SS132 Datasheet
180Kb / 2P
120mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
1SS178 SUNMATE-1SS178 Datasheet
170Kb / 1P
100mA Axial Leaded High Speed Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com